Electronic Components Datasheet Search
  English  ▼

X  

AR0237CS Datasheet(PDF) 6 Page - ON Semiconductor

Part # AR0237CS
Description  1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0237CS Datasheet(HTML) 6 Page - ON Semiconductor

Back Button AR0237CS Datasheet HTML 2Page - ON Semiconductor AR0237CS Datasheet HTML 3Page - ON Semiconductor AR0237CS Datasheet HTML 4Page - ON Semiconductor AR0237CS Datasheet HTML 5Page - ON Semiconductor AR0237CS Datasheet HTML 6Page - ON Semiconductor AR0237CS Datasheet HTML 7Page - ON Semiconductor AR0237CS Datasheet HTML 8Page - ON Semiconductor AR0237CS Datasheet HTML 9Page - ON Semiconductor AR0237CS Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
AR0237CS/D Rev. 4, 6/16 EN
6
©Semiconductor Components Industries, LLC, 2016.
AR0237CS: 1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Functional Overview
Functional Overview
The AR0237 is a progressive-scan sensor that generates a stream of pixel data at a
constant frame rate. It uses an on-chip, phase-locked loop (PLL) that can be optionally
enabled to generate all internal clocks from a single master input clock running between
6 and 48 MHz. The maximum output pixel rate is 148.5 Mp/s, corresponding to a clock
rate of 74.25 MHz. Figure 1 shows a block diagram of the sensor configured in linear
mode, and in HDR mode.
Figure 1:
Block Diagram of AR0237
User interaction with the sensor is through the two-wire serial bus, which communi-
cates with the array control, analog signal chain, and digital signal chain. The core of the
sensor is a 2.1 Mp Active- Pixel Sensor array. The timing and control circuitry sequences
through the rows of the array, resetting and then reading each row in turn. In the time
interval between resetting a row and reading that row, the pixels in the row integrate
incident light. The exposure is controlled by varying the time interval between reset and
readout. Once a row has been read, the data from the columns is sequenced through an
analog signal chain (providing offset correction and gain), and then through an analog-
to-digital converter (ADC). The output from the ADC is a 12-bit value for each pixel in
the array. The ADC output passes through a digital processing signal chain (which
provides further data path corrections and applies digital gain). The sensor also offers a
Row Noise Correction
Black Level Correction
Test Pattern Generator
Pixel Defect Correction
Digital Gain and Pedestal
A-Law Compression
Parallel
HiSPi
12 bits
10 bits
12
12
ADC Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com