Electronic Components Datasheet Search
  English  ▼

X  

AR0237CS Datasheet(PDF) 27 Page - ON Semiconductor

Part # AR0237CS
Description  1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0237CS Datasheet(HTML) 27 Page - ON Semiconductor

Back Button AR0237CS Datasheet HTML 23Page - ON Semiconductor AR0237CS Datasheet HTML 24Page - ON Semiconductor AR0237CS Datasheet HTML 25Page - ON Semiconductor AR0237CS Datasheet HTML 26Page - ON Semiconductor AR0237CS Datasheet HTML 27Page - ON Semiconductor AR0237CS Datasheet HTML 28Page - ON Semiconductor AR0237CS Datasheet HTML 29Page - ON Semiconductor AR0237CS Datasheet HTML 30Page - ON Semiconductor AR0237CS Datasheet HTML 31Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
AR0237CS/D Rev. 4, 6/16 EN
27
©Semiconductor Components Industries, LLC, 2016.
AR0237CS: 1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Electrical Specifications
Notes:
1. This table is based on I2C standard (v2.1 January 2000). Philips Semiconductor.
2. Two-wire control is I2C-compatible.
3. All values referred to VIHmin = 0.9 VDD and VILmax = 0.1VDD levels. Sensor EXCLK = 27 MHz.
4. A device must internally provide a hold time of at least 300 ns for the SDATA signal to bridge the
undefined region of the falling edge of SCLK.
5. The maximum tHD;DAT has only to be met if the device does not stretch the LOW period (tLOW) of
the SCLK signal.
6. A Fast-mode I2C-bus device can be used in a Standard-mode I2C-bus system, but the requirement
tSU;DAT 250 ns must then be met. This will automatically be the case if the device does not stretch
the LOW period of the SCLK signal. If such a device does stretch the LOW period of the SCLK signal, it
must output the next data bit to the SDATA line tr max + tSU;DAT = 1000 + 250 = 1250 ns (according
to the Standard-mode I2C-bus specification) before the SCLK line is released.
7. Cb = total capacitance of one bus line in pF.
I/O Timing
By default, the AR0237 launches pixel data, FV, and LV with the falling edge of PIXCLK.
The expectation is that the user captures DOUT[11:0], FV, and LV using the rising edge of
PIXCLK.
See Figure 14 below and Table 8 on page 28 for I/O timing (AC) characteristics.
Figure 14:
I/O Timing Diagram
Serial interface input pin capacitance
CIN_SI
-
3.3
-
3.3
pF
SDATA max load capacitance
CLOAD_SD
-
30
-
30
pF
SDATA pull-up resistor
RSD
1.5
4.7
1.5
4.7
K
Table 7:
Two-Wire Serial Bus Characteristics (continued)
fEXTCLK = 27 MHz; VDD = 1.8V; VDD_IO = 2.8V; VAA = 2.8V; VAA_PIX = 2.8V; VDD_PLL = 2.8V; T
A = 25°C
Parameter
Symbol
Standard Mode
Fast Mode
Unit
Min
Max
Min
Max
Data[11:0]
LINE_VALID/
PIXCLK
EXTCLK
tR
tEXTCLK
tF
FRAME_VALID leads LINE_VALID by 6 PIXCLKs.
FRAME_VALID trails
LINE_VALID by 6 PIXCLKs.
tPLH
tPFH
tPFL
tPLL
tPD
Pxl _0
Pxl _1
Pxl _2
Pxl _n
90%
10%
tRP
tFP
90%
10%
FRAME_VALID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com