Electronic Components Datasheet Search
  English  ▼

X  

AR0237CS Datasheet(PDF) 34 Page - ON Semiconductor

Part # AR0237CS
Description  1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0237CS Datasheet(HTML) 34 Page - ON Semiconductor

Back Button AR0237CS Datasheet HTML 30Page - ON Semiconductor AR0237CS Datasheet HTML 31Page - ON Semiconductor AR0237CS Datasheet HTML 32Page - ON Semiconductor AR0237CS Datasheet HTML 33Page - ON Semiconductor AR0237CS Datasheet HTML 34Page - ON Semiconductor AR0237CS Datasheet HTML 35Page - ON Semiconductor AR0237CS Datasheet HTML 36Page - ON Semiconductor AR0237CS Datasheet HTML 37Page - ON Semiconductor AR0237CS Datasheet HTML 38Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
AR0237CS/D Rev. 4, 6/16 EN
34
©Semiconductor Components Industries, LLC, 2016.
AR0237CS: 1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Power-On Reset and Standby Timing
Notes:
1. Xtal settling time is component-dependent, usually taking about 10 – 100 ms.
2. Hard reset time is the minimum time required after power rails are settled. In a circuit where Hard
reset is held down by RC circuit, then the RC time must include the all power rail settle time and
Xtal settle time.
3. It is critical that VDD_PLL is not powered up after the other power supplies. It must be powered
before or at least at the same time as the others. If the case happens that VDD_PLL is powered after
other supplies then sensor may have functionality issues and will experience high current draw on
this supply.
Table 18:
Power-Up Sequence
Definition
Symbol
Minimum
Typical
Maximum
Unit
VDD_PLL to VAA/VAA_PIX3
t0
0
100
–
s
VAA/VAA_PIX to VDD_IO
t1
0
100
–
s
VDD_IO to VDD
t2
0
100
–
s
VDD to VDD_SLVS
t3
0
100
–
s
Xtal settle time
tx
–
301
–ms
Hard Reset
t4
12
––
ms
Internal Initialization
t5
150000
–
–
EXTCLKs
PLL Lock Time
t6
1
–
–
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com