Electronic Components Datasheet Search
  English  ▼

X  

AR0237CS Datasheet(PDF) 15 Page - ON Semiconductor

Part # AR0237CS
Description  1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0237CS Datasheet(HTML) 15 Page - ON Semiconductor

Back Button AR0237CS Datasheet HTML 11Page - ON Semiconductor AR0237CS Datasheet HTML 12Page - ON Semiconductor AR0237CS Datasheet HTML 13Page - ON Semiconductor AR0237CS Datasheet HTML 14Page - ON Semiconductor AR0237CS Datasheet HTML 15Page - ON Semiconductor AR0237CS Datasheet HTML 16Page - ON Semiconductor AR0237CS Datasheet HTML 17Page - ON Semiconductor AR0237CS Datasheet HTML 18Page - ON Semiconductor AR0237CS Datasheet HTML 19Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
AR0237CS/D Rev. 4, 6/16 EN
15
©Semiconductor Components Industries, LLC, 2016.
AR0237CS: 1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Functional Overview
25
SDATA
I/O
Two-Wire Serial data I/O
26
LINE_VALID
Output
Line Valid
27
SADDR
Input
Two-Wire Serial address select. 0: 0x20, 1: 0x30
28
SCLK
Input
Two-Wire Serial clock input
29
VDD_IO
Power
I/O Power Supply
30
VDD
Power
Digital Power
31
RESET_BAR
Input
Asynchronous reset (active LOW). All settings are restored to factory default
32
OE_BAR
Input
Output enable (active LOW)
33
TRIGGER
Input
Exposure synchronization input
34
SHUTTER
Output
Control for external mechanical shutter. Can be left floating if not used.
35
RESERVED
Input
Reserved
36
AGND
Power
Analog Ground
37
VAA_2V8
Power
Analog Power
38
VAA_PIX
Power
Pixel Power
39
AGND
Power
Analog Ground
40
DGND
Power
Digital ground
41
VDD
Power
Digital Power
42
VDD_IO
Power
I/O Power Supply
43
DOUT0
Output
Data Output 0
44
DOUT1
Output
Data Output 1
45
DOUT2
Output
Data Output 2
46
DOUT3
Output
Data Output 3
47
DOUT4
Output
Data Output 4
48
DOUT5
Output
Data Output 5
Table 5:
mPLCC Parallel Pin Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com