Electronic Components Datasheet Search
  English  ▼

X  

AR0237CS Datasheet(PDF) 31 Page - ON Semiconductor

Part # AR0237CS
Description  1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0237CS Datasheet(HTML) 31 Page - ON Semiconductor

Back Button AR0237CS Datasheet HTML 27Page - ON Semiconductor AR0237CS Datasheet HTML 28Page - ON Semiconductor AR0237CS Datasheet HTML 29Page - ON Semiconductor AR0237CS Datasheet HTML 30Page - ON Semiconductor AR0237CS Datasheet HTML 31Page - ON Semiconductor AR0237CS Datasheet HTML 32Page - ON Semiconductor AR0237CS Datasheet HTML 33Page - ON Semiconductor AR0237CS Datasheet HTML 34Page - ON Semiconductor AR0237CS Datasheet HTML 35Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
AR0237CS/D Rev. 4, 6/16 EN
31
©Semiconductor Components Industries, LLC, 2016.
AR0237CS: 1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor
Electrical Specifications
Note:
Operating currents are measured in mA at the following conditions:
- VAA = VAA_PIX = VDD_PLL =2.8 V
- VDD = VDD_IO= 1.8 V
- VDD_SLVS= 0.4V
- PLL Enabled and PIXCLK = 74.25 MHz
- 4-lane HiSPi mode
- Low power mode enabled
- TA = 25°C Dark Image, 8x Analog Gain, HCG, 20ms integration time
Note:
Operating currents are measured in mA at the following conditions:
- VAA = VAA_PIX = VDD_PLL =2.8 V
- VDD = VDD_IO = VDD_SLVS= 1.8 V
- PLL Enabled and PIXCLK = 74.25 MHz
- 4-lane HiSPi mode
- Low power mode enabled
- TA = 25°C Dark Image, 8x Analog Gain, HCG, 20ms integration time
Table 13:
1080p30 Linear 74 MHz HiSPi SLVS
Definition
Condition
Symbol
Voltage
Min
Typ
Max
Unit
Digital Operating Current
Streaming 1080p30
IDD
1.8
25
44
65
mA
Analog Operating Current
Streaming 1080p30
IAA
2.8
15
26
50
mA
Pixel Supply Current
Streaming 1080p30
IAA_PIX
2.8
1
3
7
mA
PLL Supply Current
Streaming 1080p30
IDD_PLL
2.8
6
7.5
8.5
mA
SLVS Supply Current
Streaming 1080p30
IDD_SLVS
0.4
6
9.5
14
mA
Power
109
185.2
306
mW
Table 14:
1080p30 Linear 74 MHz HiSPi HiVcm
Definition
Condition
Symbol
Voltage
Min
Typ
Max
Unit
Digital Operating Current
Streaming 1080p30
IDD
1.8
25
44
65
mA
Analog Operating Current
Streaming 1080p30
IAA
2.8
15
26
50
mA
Pixel Supply Current
Streaming 1080p30
IAA_PIX
2.8
1
3
7
mA
PLL Supply Current
Streaming 1080p30
IDD_PLL
2.8
6
7.5
8.5
mA
SLVS Supply Current
Streaming 1080p30
IDD_SLVS
1.8
12
20
35
mA
Power
128.2
217.4
363.4
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com