Electronic Components Datasheet Search
  English  ▼

X  

AX5243 Datasheet(PDF) 7 Page - ON Semiconductor

Part # AX5243
Description  Advanced High Performance ASK and FSK Narrow-band Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5243 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button AX5243 Datasheet HTML 3Page - ON Semiconductor AX5243 Datasheet HTML 4Page - ON Semiconductor AX5243 Datasheet HTML 5Page - ON Semiconductor AX5243 Datasheet HTML 6Page - ON Semiconductor AX5243 Datasheet HTML 7Page - ON Semiconductor AX5243 Datasheet HTML 8Page - ON Semiconductor AX5243 Datasheet HTML 9Page - ON Semiconductor AX5243 Datasheet HTML 10Page - ON Semiconductor AX5243 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
AX5243
www.onsemi.com
7
For information on current consumption in complex
modes of operation tailored to your application, see the
software AX−RadioLab for AX5243.
Note on current consumption in TX mode
To achieve best output power the matching network has to
be optimized for the desired output power and frequency. As
a rule of thumb a good matching network produces about
50% efficiency with the AX5243 power amplifier although
over 90% are theoretically possible. A typical matching
network has between 1 dB and 2 dB loss (Ploss). The PA is
internally multiplexed with the LNA on pins ANTP and
ANTN. Therefore constraints for the RX matching have to
be considered for the PA matching.
The current consumption can be calculated as
ITX[mA] +
1
PAefficiency
10
Pout[dBm])Ploss[dB]
10
B 1.8V ) Ioffset
Ioffset is about 6 mA for the fully integrated VCO at
400 MHz to 1050 MHz, and 3 mA for the VCO with external
inductor at 169 MHz. The following table shows calculated
current consumptions versus output power for Ploss = 1 dB,
PAefficiency = 0.5, Ioffset = 6 mA at 868 MHz and
Ioffset = 3.5 mA at 169 MHz.
Table 4. CURRENT CONSUMPTION VS. OUTPUT
POWER
Pout [dBm]
Itxcalc [mA]
868 MHz
169 MHz
0
7.5
4.5
1
7.9
4.9
2
8.4
5.4
3
9.0
6.0
4
9.8
6.8
5
10.8
7.8
6
12.1
9.1
7
13.7
10.7
8
15.7
12.7
9
18.2
15.2
10
21.3
18.3
11
25.3
22.3
12
30.3
27.3
13
36.7
33.7
14
44.6
41.6
15
54.6
51.6
Both AX5243 power amplifiers run from the regulated
VDD_ANA supply and not directly from the battery. This
has the advantage that the current and output power do not
vary much over supply voltage and temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com