Electronic Components Datasheet Search
  English  ▼

X  

AX5243 Datasheet(PDF) 22 Page - ON Semiconductor

Part # AX5243
Description  Advanced High Performance ASK and FSK Narrow-band Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5243 Datasheet(HTML) 22 Page - ON Semiconductor

Back Button AX5243 Datasheet HTML 18Page - ON Semiconductor AX5243 Datasheet HTML 19Page - ON Semiconductor AX5243 Datasheet HTML 20Page - ON Semiconductor AX5243 Datasheet HTML 21Page - ON Semiconductor AX5243 Datasheet HTML 22Page - ON Semiconductor AX5243 Datasheet HTML 23Page - ON Semiconductor AX5243 Datasheet HTML 24Page - ON Semiconductor AX5243 Datasheet HTML 25Page - ON Semiconductor AX5243 Datasheet HTML 26Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
AX5243
www.onsemi.com
22
Table 22. 4−FSK MODULATION
Modulation
DiBit = 00
DiBit = 01
DiBit = 11
DiBit = 10
Main Lobe Bandwidth
Max. Bitrate
4−FSK
Df = −3fdeviation
Df = −fdeviation
Df = +fdeviation
Df = +3fdeviation
BW = (1 + 3 h) ⋅BITRATE
115.2 kBit/s
4−FSK Frequency shaping is always hard.
Automatic Frequency Control (AFC)
The AX5243 features an automatic frequency tracking
loop which is capable of tracking the transmitter frequency
within the RX filter band width. On top of that the AX5243
has a frequency tracking register TRKRFFREQ to
synchronize the receiver frequency to a carrier signal. For
AFC adjustment, the frequency offset can be computed with
the following formula:
Df + TRKRFFREQ
224
fXTAL
The pull−in range of the AFC can be programmed with the
MAXRFOFFSET Registers.
PWRMODE Register
The PWRMODE register controls, which parts of the chip
are operating.
Table 23. PWRMODE REGISTER
PWRMODE Register
Name
Description
0000
POWERDOWN
All digital and analog functions, except the register file, are disabled. The core supply
voltages are switched off to conserve leakage power. Register contents are preserved and
accessible registers via SPI, but at a slower speed.
Access to the FIFO is not possible and the contents are not preserved. POWERDOWN
mode is only entered once the FIFO is empty.
0001
DEEPSLEEP
AX5243 is fully turned off. All digital and analog functions are disabled. All register
contents are lost.
To leave DEEPSLEEP mode the pin SEL has to be pulled low. This will initiate startup and
reset of the AX5243. Then the MISO line should be polled, as it will be held low during
initialization and will rise to high at the end of the initialization, when the chip becomes
ready for operation.
0101
STANDBY
The crystal oscillator and the reference are powered on; receiver and transmitter are off.
Register contents are preserved and accessible registers via SPI.
Access to the FIFO is not possible and the contents are not preserved. STANDBY is only
entered once the FIFO is empty.
0110
FIFO
The reference is powered on. Register contents are preserved and accessible registers via
SPI.
Access to the FIFO is possible and the contents are preserved.
1000
SYNTHRX
The synthesizer is running on the receive frequency. Transmitter and receiver are still off.
This mode is used to let the synthesizer settle on the correct frequency for receive.
1001
FULLRX
Synthesizer and receiver are running.
1011
WOR
Receiver wakeup−on−radio mode.
The mode the same as POWERDOWN, but the 640 Hz internal low power oscillator is
running.
1100
SYNTHTX
The synthesizer is running on the transmit frequency. Transmitter and receiver are still off.
This mode is used to let the synthesizer settle on the correct frequency for transmit.
1101
FULLTX
Synthesizer and transmitter are running. Do not switch into this mode before the
synthesizer has completely settled on the transmit frequency (in SYNTHTX mode),
otherwise spurious spectral transmissions will occur.
NOTE: For the corresponding currents see table in section DC Characteristics.
Table 24. A TYPICAL PWRMODE SEQUENCE FOR A TRANSMIT SESSION
Step
PWRMODE
Remarks
1
POWERDOWN
2
STANDBY
The settling time is dominated by the crystal used, typical value 3ms.
3
FULLTX
Data transmission
4
POWERDOWN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com