Electronic Components Datasheet Search
  English  ▼

X  

AX5243 Datasheet(PDF) 1 Page - ON Semiconductor

Part # AX5243
Description  Advanced High Performance ASK and FSK Narrow-band Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5243 Datasheet(HTML) 1 Page - ON Semiconductor

  AX5243 Datasheet HTML 1Page - ON Semiconductor AX5243 Datasheet HTML 2Page - ON Semiconductor AX5243 Datasheet HTML 3Page - ON Semiconductor AX5243 Datasheet HTML 4Page - ON Semiconductor AX5243 Datasheet HTML 5Page - ON Semiconductor AX5243 Datasheet HTML 6Page - ON Semiconductor AX5243 Datasheet HTML 7Page - ON Semiconductor AX5243 Datasheet HTML 8Page - ON Semiconductor AX5243 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
© Semiconductor Components Industries, LLC, 2016
May, 2016 − Rev. 3
1
Publication Order Number:
AX5243/D
AX5243
Advanced High Performance
ASK and FSK Narrow-band
Transceiver for
27 - 1050 MHz Range
OVERVIEW
The AX5243 is a true single chip ultra−low power narrow−band
CMOS transceiver for use in licensed and unlicensed bands from 27
and 1050 MHz. The on−chip transceiver consists of a fully integrated
RF front−end with modulator, and demodulator. Base band data
processing is implemented in an advanced and flexible
communication controller that enables user friendly communication
via the SPI interface.
Features
Advanced Multi−channel Narrow−band Single Chip UHF
Transceiver (FSK / MSK / 4−FSK / GFSK / GMSK / ASK / AFSK /
FM / PSK)
Low−Power
• RX
9.5 mA @ 868 MHz and 433 MHz
6.5 mA @ 169 Hz
• TX at 868 MHz
7.5 mA @ 0 dBm
16 mA @ 10 dBm
48 mA @ 16 dBm
• 50 nA Deep Sleep Current
• 500 nA Power−down Current with Low Frequency
Duty Cycle Clock Running
Extended Supply Voltage Range
• 1.8 V − 3.6 V Single Supply
High Sensitivity / High Selectivity Receiver
• Data Rates from 0.1 kbps to 125 kbps
• Optional Forward Error Correction (FEC)
• Sensitivity without FEC
−135 dBm @ 0.1 kbps, 868 MHz, FSK
−126 dBm @
1 kbps, 868 MHz, FSK
−117 dBm @ 10 kbps, 868 MHz, FSK
−107 dBm @ 100 kbps, 868 MHz, FSK
−105 dBm @ 125 kbps, 868 MHz, FSK
−138 dBm @ 0.1 kbps, 868 MHz, PSK
−130 dBm @
1 kbps, 868 MHz, PSK
−120 dBm @ 10 kbps, 868 MHz, PSK
−109 dBm @ 100 kbps, 868 MHz, PSK
−108 dBm @ 125 kbps, 868 MHz, PSK
• Sensitivity with FEC
−137 dBm @ 0.1 kbps, 868 MHz, FSK
−122 dBm @ 5 kbps, 868 MHz, FSK
−111 dBm @ 50 kbps, 868 MHz, FSK
• High Selectivity Receiver with up to 45 dB Adjacent
Channel Rejection
• 0 dBm Maximum Input Power
• > ±10% Data−rate Error Tolerance
• Short Preamble Modes Allow the Receiver to Work
with as little as 16 Preamble Bits
• Fast State Switching Times
200
ms TX → RX Switching Time
62
ms RX → TX Switching Time
Transmitter
• Data−rates from 0.1 kbps to 125 kbps
• High Efficiency, High Linearity Integrated Power
Amplifier
• Maximum Output Power
16 dBm @ 868 MHz
16 dBm @ 433 MHz
16 dBm @ 169 MHz
• Power Level Programmable in 0.5 dB Steps
• GFSK Shaping with BT = 0.3 or BT = 0.5
• Unrestricted Power Ramp Shaping
www.onsemi.com
ORDERING INFORMATION
Device
Type
Qty
AX5243−1−TA05
Tape & Reel
500
AX5243−1−TW30
Tape & Reel
3,000
QFN20 4x4, 0.5P
CASE 485EE


Similar Part No. - AX5243

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AX5243 ONSEMI-AX5243 Datasheet
1Mb / 65P
Advanced high performance ASK
Revision 2
AX5243-868 ONSEMI-AX5243-868 Datasheet
2Mb / 12P
DVK-2 Quick Start Guide
May, 2021 ??Rev. 1
More results

Similar Description - AX5243

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7020 AD-ADF7020 Datasheet
797Kb / 40P
High Performance ISM Band FSK/ASK Transceiver IC
ADF7901 AD-ADF7901 Datasheet
285Kb / 12P
High Performance ISM Band ASK/FSK Transmitter IC
Jan-2005
ADF7020-1 AD-ADF7020-1 Datasheet
780Kb / 48P
High Performance FSK/ASK Transceiver IC
12/05-Revision 0
ADF7021-N AD-ADF7021-N Datasheet
2Mb / 64P
High Performance Narrow-Band Transceiver IC
REV. 0
EVAL-ADF7021DBZ5 AD-EVAL-ADF7021DBZ5 Datasheet
1Mb / 64P
High Performance Narrow-Band Transceiver IC
REV. B
ADF7020BCPZ AD-ADF7020BCPZ Datasheet
719Kb / 48P
High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7021BCPZ-RL AD-ADF7021BCPZ-RL Datasheet
1Mb / 64P
High Performance Narrow-Band Transceiver IC
REV. B
ADF7020 AD-ADF7020_15 Datasheet
719Kb / 48P
High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7020-1 AD-ADF7020-1_15 Datasheet
781Kb / 48P
High Performance FSK/ASK Transceiver IC
REV. 0
logo
ON Semiconductor
AX5043 ONSEMI-AX5043_V01 Datasheet
436Kb / 47P
Advanced High Performance ASK and FSK Narrow-band Transceiver for 27-1050 MHz Range
August, 2021 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com