Electronic Components Datasheet Search
  English  ▼

X  

AX5243 Datasheet(PDF) 33 Page - ON Semiconductor

Part # AX5243
Description  Advanced High Performance ASK and FSK Narrow-band Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5243 Datasheet(HTML) 33 Page - ON Semiconductor

Back Button AX5243 Datasheet HTML 29Page - ON Semiconductor AX5243 Datasheet HTML 30Page - ON Semiconductor AX5243 Datasheet HTML 31Page - ON Semiconductor AX5243 Datasheet HTML 32Page - ON Semiconductor AX5243 Datasheet HTML 33Page - ON Semiconductor AX5243 Datasheet HTML 34Page - ON Semiconductor AX5243 Datasheet HTML 35Page - ON Semiconductor AX5243 Datasheet HTML 36Page - ON Semiconductor AX5243 Datasheet HTML 37Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
AX5243
www.onsemi.com
33
APPLICATION INFORMATION
Typical Application Diagrams
Match to 50
W for Differential Antenna Pins
(868 / 915 / 433 / 169 MHz RX / TX Operation)
Figure 9. Structure of the Differential Antenna Interface for TX/RX Operation to 50 W Single−ended Equipment or
Antenna
IC antenna
pins
LT1
LC1
LB1
CT1
CC1
CM1
LT 2
LC2
CT2
CC2
CM2
CB2
LB2
CF
LF
CA
CA
Optional filter stage
to suppress TX
harmonics
50 W single−ended
equipment or antenna
Table 28. TYPICAL COMPONENT VALUES
Frequency Band
LC1,2
[nH]
CC1,2
[pF]
CT1,2
[pF]
LT1,2
[nH]
CM1
[pF]
CM2
[pF]
LB1,2
[nH]
CB2
[pF]
CF
[pF]
optional
LF
[nH]
optional
CA
[pF]
optional
868 / 915 MHz
18
nc
2.7
18
6.2
3.6
12
2.7
nc
0 W
nc
433 MHz
100
nc
4.3
43
11
5.6
27
5.1
nc
0 W
nc
470 MHz
100
nc
3.9
33
4.7
nc
22
4.7
nc
0 W
nc
169 MHz
150
10
10
120
12
nc
68
12
6.8
30
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com