Electronic Components Datasheet Search
  English  ▼

X  

AX5243 Datasheet(PDF) 28 Page - ON Semiconductor

Part # AX5243
Description  Advanced High Performance ASK and FSK Narrow-band Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5243 Datasheet(HTML) 28 Page - ON Semiconductor

Back Button AX5243 Datasheet HTML 24Page - ON Semiconductor AX5243 Datasheet HTML 25Page - ON Semiconductor AX5243 Datasheet HTML 26Page - ON Semiconductor AX5243 Datasheet HTML 27Page - ON Semiconductor AX5243 Datasheet HTML 28Page - ON Semiconductor AX5243 Datasheet HTML 29Page - ON Semiconductor AX5243 Datasheet HTML 30Page - ON Semiconductor AX5243 Datasheet HTML 31Page - ON Semiconductor AX5243 Datasheet HTML 32Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
AX5243
www.onsemi.com
28
Table 27. CONTROL REGISTER MAP
Add
Description
Bit
Reset
Ret
Dir
Name
Add
Description
0
1
2
3
4
5
6
7
Reset
Ret
Dir
Name
10B MAXRFOFFSET
0
RW R
10000111 MAXRFOFFSET(7:0)
Maximum Receiver RF
Offset
10C FSKDMAX1
RW R
00000000 FSKDEVMAX(15:8)
Four FSK Rx Deviation
10D FSKDMAX0
RW R
10000000 FSKDEVMAX(7:0)
Four FSK Rx Deviation
10E FSKDMIN1
RW R
11111111
FSKDEVMIN(15:8)
Four FSK Rx Deviation
10F
FSKDMIN0
RW R
10000000 FSKDEVMIN(7:0)
Four FSK Rx Deviation
110
AFSKSPACE1
RW R
––––0000 –
–
–
–
AFSKSPACE(11:8)
AFSK Space (0)
Frequency
111
AFSKSPACE0
RW R
01000000 AFSKSPACE(7:0)
AFSK Space (0)
Frequency
112
AFSKMARK1
RW R
––––0000 –
–
–
–
AFSKMARK(11:8)
AFSK Mark (1)
Frequency
113
AFSKMARK0
RW R
01110101 AFSKMARK(7:0)
AFSK Mark (1)
Frequency
114
AFSKCTRL
RW R
–––00100 –
–
–
AFSKSHIFT0(4:0)
AFSK Control
115
AMPLFILTER
RW R
––––0000 –
–
–
–
AMPLFILTER(3:0)
Amplitude Filter
116
FREQUENCYLE
AK
RW R
––––0000 –
–
–
–
FREQUENCYLEAK[3:0]
Baseband Frequency
Recovery Loop
Leakiness
117
RXPARAMSETS RW R
00000000 RXPS3(1:0)
RXPS2(1:0)
RXPS1(1:0)
RXPS0(1:0)
Receiver Parameter
Set Indirection
118
RXPARAMCUR
SET
R
R
–––––––– –
–
–
RXSI(2)
RXSN(1:0)
RXSI(1:0)
Receiver Parameter
Current Set
Receiver Parameter Set 0
120
AGCGAIN0
RW R
10110100 AGCDECAY0(3:0)
AGCATTACK0(3:0)
AGC Speed
121
AGCTARGET0
RW R
01110110 AGCTARGET0(7:0)
AGC Target
122
AGCAHYST0
RW R
–––––000 −
AGCAHYST0(2:0)
AGC Digital Threshold
Range
123
AGCMINMAX0
RW R
–000–000 −
AGCMAXDA0(2:0)
−
AGCMINDA0(2:0)
AGC Digital Min/Max
Set Points
124
TIMEGAIN0
RW R
11111000
TIMEGAIN0M
TIMEGAIN0E
Timing Gain
125
DRGAIN0
RW R
11110010 DRGAIN0M
DRGAIN0E
Data Rate Gain
126
PHASEGAIN0
RW R
11––0011 FILTERIDX0(1:0)
–
–
PHASEGAIN0(3:0)
Filter Index, Phase
Gain
127
FREQGAINA0
RW R
00001111 FREQ LIM0 FREQ
MODULO0
FREQ
HALFMOD0
FREQ
AMPL
GATE0
FREQGAINA0(3:0)
Frequency Gain A
128
FREQGAINB0
RW R
00–11111
FREQ
FREEZE0
FREQ
AVG0
–
FREQGAINB0(4:0)
Frequency Gain B
129
FREQGAINC0
RW R
–––01010 –
–
–
FREQGAINC0(4:0)
Frequency Gain C
12A FREQGAIND0
RW R
0––01010 RFFREQ
FREEZE0
–
–
FREQGAIND0(4:0)
Frequency Gain D
12B AMPLGAIN0
RW R
01––0110 AMPL AVG
AMPL AGC
–
–
AMPLGAIN0(3:0)
Amplitude Gain
12C FREQDEV10
RW R
––––0000 –
–
–
–
FREQDEV0(11:8)
Receiver Frequency
Deviation
12D FREQDEV00
RW R
00100000 FREQDEV0(7:0)
Receiver Frequency
Deviation
12E FOURFSK0
RW R
–––10110 –
–
–
DEV
UPDATE0
DEVDECAY0(3:0)
Four FSK Control
12F
BBOFFSRES0
RW R
10001000 RESINTB0(3:0)
RESINTA0(3:0)
Baseband Offset
Compensation
Resistors
Receiver Parameter Set 1
130
AGCGAIN1
RW R
10110100 AGCDECAY1(3:0)
AGCATTACK1(3:0)
AGC Speed
131
AGCTARGET1
RW R
01110110 AGCTARGET1(7:0)
AGC Target
132
AGCAHYST1
RW R
–––––000 −
AGCAHYST1(2:0)
AGC Digital Threshold
Range
133
AGCMINMAX1
RW R
–000–000 −
AGCMAXDA1(2:0)
−
AGCMINDA1(2:0)
AGC Digital Min/Max
Set Points
134
TIMEGAIN1
RW R
11110110
TIMEGAIN1M
TIMEGAIN1E
Timing Gain
135
DRGAIN1
RW R
11110001 DRGAIN1M
DRGAIN1E
Data Rate Gain
136
PHASEGAIN1
RW R
11––0011 FILTERIDX1(1:0)
–
–
PHASEGAIN1(3:0)
Filter Index, Phase
Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com