Electronic Components Datasheet Search
  English  ▼

X  

DP7251 Datasheet(PDF) 7 Page - Copal Electronics

Part # DP7251
Description  Quad Digital Potentiometer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7251 Datasheet(HTML) 7 Page - Copal Electronics

Back Button DP7251 Datasheet HTML 3Page - Copal Electronics DP7251 Datasheet HTML 4Page - Copal Electronics DP7251 Datasheet HTML 5Page - Copal Electronics DP7251 Datasheet HTML 6Page - Copal Electronics DP7251 Datasheet HTML 7Page - Copal Electronics DP7251 Datasheet HTML 8Page - Copal Electronics DP7251 Datasheet HTML 9Page - Copal Electronics DP7251 Datasheet HTML 10Page - Copal Electronics DP7251 Datasheet HTML 11Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
DP7251
© NIDEC COPAL ELECTRONICS CORP.
7
Doc. No. MD-2017 Rev. F
Characteristics subject to change without notice
INSTRUCTION AND REGISTER
DESCRIPTION
DEVICE TYPE / ADDRESS BYTE
The
first
byte
sent
to
the
DP7251
from
the
master/processor is called the Device Address Byte.
The most significant four bits of the Device Type
address are a device type identifier. These bits for the
DP7251 are fixed at 0101[B] (refer to Table 1).
The two least significant bits in the slave address
byte,
A1 - A0, are the internal slave address and
must match the physical device address which is
defined by the state of the A1 - A0 input pins for the
DP7251
to
successfully
continue
the
command
sequence. Only the device which slave address
matches the incoming device address sent by the
master executes the instruction. The A1 - A0 inputs
can be actively driven by CMOS input signals or tied
to VCC or VSS. The remaining two bits in the device
address byte must be set to 0.
INSTRUCTION BYTE
The next byte sent to the DP7251 contains the
instruction and register pointer information. The four
most significant bits used provide the instruction
opcode I3-I0. The R1 and R0 bits point to one of the
four data registers of each associated potentiometer.
The least two significant bits point to one of four Wiper
Control Registers. The format is shown in Table 2.
Data Register Selection
Data Register Selected
R1
R0
DR0
0
0
DR1
0
1
DR2
1
0
DR3
1
1
Table 1. Identification Byte Format
Table 2. Instruction Byte Format
ID3
ID2
ID1
ID0
0
0
A1
A0
0101
(MSB)
(LSB)
Device Type
Identifier
Slave Address
I3
I2
I1
I0
R1
R0
P1
P0
(MSB)
(LSB)
Instruction
Data Register
WCR/Pot Selection
Opcode
Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com