Electronic Components Datasheet Search
  English  ▼

X  

DP7251 Datasheet(PDF) 4 Page - Copal Electronics

Part # DP7251
Description  Quad Digital Potentiometer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7251 Datasheet(HTML) 4 Page - Copal Electronics

  DP7251 Datasheet HTML 1Page - Copal Electronics DP7251 Datasheet HTML 2Page - Copal Electronics DP7251 Datasheet HTML 3Page - Copal Electronics DP7251 Datasheet HTML 4Page - Copal Electronics DP7251 Datasheet HTML 5Page - Copal Electronics DP7251 Datasheet HTML 6Page - Copal Electronics DP7251 Datasheet HTML 7Page - Copal Electronics DP7251 Datasheet HTML 8Page - Copal Electronics DP7251 Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
DP7251
4
POTENTIOMETER CHARACTERISTICS
Over recommended operating conditions unless otherwise stated.
s
t
i
n
U
x
a
M
p
y
T
n
i
M
s
n
o
i
t
i
d
n
o
C
t
s
e
T
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
RPOT
Potentiometer Resistance (-00)
100
k
RPOT
Potentiometer Resistance (-50)
50
k
Potentiometer Resistance Tolerance
±20
%
RPOT
%
1
g
n
i
h
c
t
a
M
W
m
0
5
t
o
p
h
c
a
e
,
C
°
5
2
g
n
i
t
a
R
r
e
w
o
P
IW
A
m
3
±
t
n
e
r
r
u
C
r
e
p
i
W
IW =±3mA @VCC = 3V
200
300
RW
Wiper Resistance
IW =±3mA @VCC = 5V
100
150
VTERM
Voltage on any RH or RL Pin
VSS =0V
GND
VCC
V
VN
/
V
n
)
1
(
e
s
i
o
N
Hz
%
4
.
0
n
o
i
t
u
l
o
s
e
R
Absolute Linearity
(2)
RW(n)(actual) -R(n)(expected)
(5)
±1
LSB
(4)
Relative Linearity
(3)
RW(n+1) -[RW(n)+LSB]
(5)
±0.5
LSB
(4)
TCRPOT
Temperature Coefficient of RPOT
(1)
±300
ppm/°C
TCRATIO
Ratiometric Temp. Coefficient
(1)
20
ppm/°C
CH/CL/CW Potentiometer Capacitances
(1)
10/10/25
pF
fc
Frequency Response
RPOT =50k
(1)
0.4
MHz
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
ICC1
Power Supply Current
fSCK = 2.5MHz, SO Open
VCC =6VInputs=GND
1mA
ICC2
Power Supply Current
Non-volatile Write
fSCK = 2.5MHz, SO = Open
VCC =6VInputs=GND
5mA
ISB
Standby Current (VCC = 5.0V)
VIN = GND or VCC; SO Open
1
µA
ILI
Input Leakage Current
VIN = GND to VCC
10
µA
ILO
Output Leakage Current
VOUT = GND to VCC
10
µA
VIL
V
1
-
e
g
a
t
l
o
V
w
o
L
t
u
p
n
I
CC x 0.3
V
VIH
V
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
I
CC x 0.7
VCC + 1.0
V
VOL1
Output Low Voltage (VCC =3V)
IOL
V
4
.
0
A
m
3
=
VOH1
Output High Voltage (VCC =6V)
IOH = -1.6mA
VCC - 0.8
V
Notes:
(1)
This parameter is tested initially and after a design or process change that affects the parameter.
(2)
Absolute linearity is utilized to determine actual wiper voltage versus expected voltage as determined by wiper position when used as a
potentiometer.
(3)
Relative linearity is utilized to determine the actual change in voltage between two successive tap positions when used as a potenti-
ometer. It is a measure of the error in step size.
(4)
LSB = RTOT / 255 or (RH - RL) / 255, single pot
(5)
n = 0, 1, 2, ..., 255.
D.C. OPERATING CHARACTERISTICS
Over recommended operating conditions unless otherwise stated.
Doc. No. MD-2017 Rev. F
© NIDEC COPAL ELECTRONICS CORP.
Characteristics subject to change without notice



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com