Electronic Components Datasheet Search
  English  ▼

X  

DP7251 Datasheet(PDF) 1 Page - Copal Electronics

Part # DP7251
Description  Quad Digital Potentiometer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7251 Datasheet(HTML) 1 Page - Copal Electronics

  DP7251 Datasheet HTML 1Page - Copal Electronics DP7251 Datasheet HTML 2Page - Copal Electronics DP7251 Datasheet HTML 3Page - Copal Electronics DP7251 Datasheet HTML 4Page - Copal Electronics DP7251 Datasheet HTML 5Page - Copal Electronics DP7251 Datasheet HTML 6Page - Copal Electronics DP7251 Datasheet HTML 7Page - Copal Electronics DP7251 Datasheet HTML 8Page - Copal Electronics DP7251 Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
DP7251
© NIDEC COPAL ELECTRONICS CORP.
1
Doc. No. MD-2017 Rev. F
Characteristics subject to change without notice
Quad Digital Potentiometer (DP) with
256 Taps and SPI Interface
FEATURES
Four linear-taper digital potentiometers
254 resistor taps per potentiometer
End to end resistance 50k
or 100k
Potentiometer control and memory access via
SPI interface
Low wiper resistance, typically 100
Nonvolatile memory storage for up to four
wiper settings for each potentiometer
Automatic recall of saved wiper settings at
power up
2.5 to 6.0 volt operation
Standby current less than 1µA
1,000,000 nonvolatile WRITE cycles
100 year nonvolatile memory data retention
SOIC 24-lead and TSSOP 24-lead
Industrial temperature range
For Ordering Information details, see page 14.
PIN CONFIGURATION
SOIC 24-Lead (W)
TSSOP 24-Lead (Y)
SO
124 HOLD
¯¯¯¯¯
A0
223 SCK
RW3
322 RL2
RH3
421 RH2
RL3
520 RW2
NC
619 NC
VCC
718 GND
RLO
817 RW1
RHO
916 RH1
RWO
10
15 RL1
CS
¯¯¯
11
14 A1
WP
¯¯¯
12
13 SI
DP
7251
DESCRIPTION
The
DP7251
is
four
Digital
Potentiometers
(DPs) integrated with control logic and 16 bytes
of NVRAM memory. Each DP consists of a series
of
resistive
elements
connected
between
two
externally accessible end points. The tap points
between each resistive element are connected to the
wiper outputs with CMOS switches. A separate 8-bit
control register (WCR) independently controls the
wiper tap switches for each DP. Associated with
each wiper control register are four 8-bit non-volatile
memory data registers (DR) used for storing up to four
wiper settings. Writing to the wiper control register or
any of the non-volatile data registers is via a SPI serial
bus. On power-up, the contents of the first data
register (DR0) for each of the four potentiometers is
automatically loaded into its respective wiper control
register.
The DP7251 can be used as a potentiometer or as a
two terminal, variable resistor. It is intended for circuit
level or system level adjustments in a wide variety of
applications. It is available in the -40°C to 85°C
industrial operating temperature range and offered in
a 24-lead SOIC and TSSOP package.
FUNCTIONAL DIAGRAM
RW0
RW1
RH0
A0
A1
WP
HOLD
RH1
RL0
RL1
NONVOLATILE
DATA
REGISTERS
WIPER
CONTROL
REGISTERS
CONTROL
LOGIC
SPI BUS
INTERFACE
RW2
RH2
RL2
RW3
RH3
RL3
SCK
SI
CS
SO


Similar Part No. - DP7251

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
DP7259 COPAL-DP7259 Datasheet
174Kb / 16P
Quad Digital Potentiometers
More results

Similar Description - DP7251

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9241 XICOR-X9241 Datasheet
76Kb / 16P
Quad E2POT??Nonvolatile Digital Potentiometer
logo
Dallas Semiconductor
DS1844 DALLAS-DS1844 Datasheet
289Kb / 14P
Quad Digital Potentiometer
DS1844 DALLAS-DS1844_05 Datasheet
260Kb / 14P
Quad Digital Potentiometer
logo
Copal Electronics
DP7241 COPAL-DP7241 Datasheet
174Kb / 16P
Quad Digital Potentiometer
logo
ON Semiconductor
CAT5241 ONSEMI-CAT5241_13 Datasheet
207Kb / 16P
Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 20
CAT5251 ONSEMI-CAT5251_13 Datasheet
207Kb / 15P
Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 9
CAT5259 ONSEMI-CAT5259_13 Datasheet
211Kb / 15P
Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 11
CAT5409 ONSEMI-CAT5409_13 Datasheet
215Kb / 15P
Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 15
CAT5401 ONSEMI-CAT5401_13 Datasheet
208Kb / 15P
Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 11
logo
Maxim Integrated Produc...
DS1844 MAXIM-DS1844 Datasheet
265Kb / 14P
Quad Digital Potentiometer
053105
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com