Electronic Components Datasheet Search
  English  ▼

X  

DP7251 Datasheet(PDF) 5 Page - Copal Electronics

Part # DP7251
Description  Quad Digital Potentiometer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7251 Datasheet(HTML) 5 Page - Copal Electronics

  DP7251 Datasheet HTML 1Page - Copal Electronics DP7251 Datasheet HTML 2Page - Copal Electronics DP7251 Datasheet HTML 3Page - Copal Electronics DP7251 Datasheet HTML 4Page - Copal Electronics DP7251 Datasheet HTML 5Page - Copal Electronics DP7251 Datasheet HTML 6Page - Copal Electronics DP7251 Datasheet HTML 7Page - Copal Electronics DP7251 Datasheet HTML 8Page - Copal Electronics DP7251 Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
DP7251
© NIDEC COPAL ELECTRONICS CORP.
5
Doc. No. MD-2017 Rev. F
Characteristics subject to change without notice
PIN CAPACITANCE
(1)
Applicable over recommended operating range from TA = 25ºC, f = 1.0MHz, VCC = +5.0V (unless otherwise noted).
s
t
i
n
U
x
a
M
p
y
T
n
i
M
s
n
o
i
t
i
d
n
o
C
t
s
e
T
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
COUT
V
)
O
S
(
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
O
OUT =0V
8
pF
CIN
Input Capacitance (CS
¯¯¯,SCK,SI, WP
¯¯¯, HOLD
¯¯¯¯¯, A0, A1)
VIN =0V
6
pF
A.C. CHARACTERISTICS
Over recommended operating conditions unless otherwise stated.
s
t
i
n
U
x
a
M
p
y
T
n
i
M
s
n
o
i
t
i
d
n
o
C
t
s
e
T
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
tSU
s
n
0
5
e
m
i
T
p
u
t
e
S
a
t
a
D
tH
s
n
0
5
e
m
i
T
d
l
o
H
a
t
a
D
tWH
s
n
5
2
1
e
m
i
T
h
g
i
H
K
C
S
tWL
s
n
5
2
1
e
m
i
T
w
o
L
K
C
S
fSCK
z
H
M
3
C
D
y
c
n
e
u
q
e
r
F
k
c
o
l
C
tLZ
HOLD
¯¯¯¯¯ to Output Low Z
50
ns
tRI
(1)
s
µ
2
e
m
i
T
e
s
i
R
t
u
p
n
I
tFI
(1)
s
µ
2
e
m
i
T
ll
a
F
t
u
p
n
I
tHD
HOLD
¯¯¯¯¯ Setup Time
100
ns
tCD
HOLD
¯¯¯¯¯ Hold Time
100
ns
tV
s
n
0
0
2
w
o
L
k
c
o
l
C
m
o
r
f
d
il
a
V
t
u
p
t
u
O
tHO
s
n
0
e
m
i
T
d
l
o
H
t
u
p
t
u
O
tDIS
s
n
0
5
2
e
m
i
T
e
l
b
a
s
i
D
t
u
p
t
u
O
tHZ
HOLD
¯¯¯¯¯ to Output High Z
100
ns
tCS
CS
¯¯¯ High Time
250
ns
tCSS
CS
¯¯¯ Setup Time
250
ns
tCSH
CS
¯¯¯ Hold Time
CL = 50pF
250
ns
POWER UP TIMING
(1)(2)
Over recommended operating conditions unless otherwise stated.
s
t
i
n
U
x
a
M
p
y
T
n
i
M
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
tPUR
s
m
1
n
o
i
t
a
r
e
p
O
d
a
e
R
o
t
p
u
-
r
e
w
o
P
tPUW
s
m
1
n
o
i
t
a
r
e
p
O
e
t
i
r
W
o
t
p
u
-
r
e
w
o
P
DP TIMING
s
t
i
n
U
x
a
M
n
i
M
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
tWRPO
Wiper Response Time After Power Supply Stable
5
10
µs
tWRL
Wiper Response Time After Instruction Issued
5
10
µs
Notes:
(1)
This parameter is tested initially and after a design or process change that affects the parameter.
(2)
tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com