Electronic Components Datasheet Search
  English  ▼

X  

DP7251 Datasheet(PDF) 12 Page - Copal Electronics

Part # DP7251
Description  Quad Digital Potentiometer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7251 Datasheet(HTML) 12 Page - Copal Electronics

Back Button DP7251 Datasheet HTML 7Page - Copal Electronics DP7251 Datasheet HTML 8Page - Copal Electronics DP7251 Datasheet HTML 9Page - Copal Electronics DP7251 Datasheet HTML 10Page - Copal Electronics DP7251 Datasheet HTML 11Page - Copal Electronics DP7251 Datasheet HTML 12Page - Copal Electronics DP7251 Datasheet HTML 13Page - Copal Electronics DP7251 Datasheet HTML 14Page - Copal Electronics DP7251 Datasheet HTML 15Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
DP7251
Doc. No. MD-2017 Rev. F
12
© NIDEC COPAL ELECTRONICS CORP.
Characteristics subject to change without notice
PACKAGING OUTLINE DRAWINGS
SOIC 24-Lead 300mils (W)
(1)(2)
Notes:
(1)
All dimensions are in millimeters. Angles in degrees.
(2)
Complies with JEDEC standard MS-013.
E1
E
A1
A2
e
PIN#1 IDENTIFICATION
b
D
c
A
TOP VIEW
W
E
I
V
D
N
E
W
E
I
V
E
D
I
S
1
1
h
h
L
SYMBOL
MIN
NOM
MAX
A
2.35
2.65
A1
0.10
0.30
A2
2.05
2.55
b
0.31
0.51
c0.20
0.33
D
15.20
15.40
E
10.11
10.51
E1
7.34
7.60
e1.27 BSC
h
0.25
0.75
L0.40
1.27
0°
8°
1
5°
15°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com