| Electronic Components Datasheet Search |
|
DP7411 Datasheet(PDF) 8 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
DP7411 Datasheet(HTML) 8 Page - Copal Electronics |
|
8 / 16 page ![]() DP7411 Doc. No. MD-2114 Rev. J 8 © NIDEC COPAL ELECTRONICS CORP. Characteristics subject to change without notice INSTRUCTION AND REGISTER DESCRIPTION DEVICE TYPE / ADDRESS BYTE The first byte sent to the DP7411 from the master/ processor is called the Device Address Byte. The most significant four bits of the Device Type address are a device type identifier. These bits for the DP7411 are fixed at 0101[B] (refer to Table 1). The two least significant bits in the slave address byte, A1 - A0, are the internal slave address and must match the physical device address which is defined by the state of the A1 - A0 input pins for the DP7411 to successfully continue the command sequence. Only the device which slave address matches the incoming device address sent by the master executes the instruction. The A1 - A0 inputs can be actively driven by CMOS input signals or tied to VCC or VSS.The remaining two bits in the device address byte must be set to 0. INSTRUCTION BYTE The next byte sent to the DP7411 contains the instruction and register pointer information. The four most significant bits used provide the instruction opcode I [3:0]. The R1 and R0 bits point to one of the four data registers of each associated potentiometer. The least two significant bits point to one of two Wiper Control Registers. The format is shown in Table 2. Data Register Selection Data Register Selected R1 R0 DR0 0 0 DR1 0 1 DR2 1 0 DR3 1 1 Table 1. Identification Byte Format 0 1 0 Device Type Identifier (MSB) Table 2. Instruction Byte Format Figure 3. Potentiometer Timing (for All Load Instructions) ID3 ID2 ID1 ID0 0 0 A1 A0 0101 (MSB) (LSB) Device Type Identifier Slave Address I3 I2 I1 I0 R1 R0 0 P0 (MSB) (LSB) Instruction Data Register WCR/Pot Selection Opcode Selection CS SCK SI B S L B S M VW/RW tWRL SO High Impedance •• • ••• |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |