Electronic Components Datasheet Search
  English  ▼

X  

DP7411 Datasheet(PDF) 4 Page - Copal Electronics

Part # DP7411
Description  Dual Digital Potentiometers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7411 Datasheet(HTML) 4 Page - Copal Electronics

  DP7411 Datasheet HTML 1Page - Copal Electronics DP7411 Datasheet HTML 2Page - Copal Electronics DP7411 Datasheet HTML 3Page - Copal Electronics DP7411 Datasheet HTML 4Page - Copal Electronics DP7411 Datasheet HTML 5Page - Copal Electronics DP7411 Datasheet HTML 6Page - Copal Electronics DP7411 Datasheet HTML 7Page - Copal Electronics DP7411 Datasheet HTML 8Page - Copal Electronics DP7411 Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
DP7411
Doc. No. MD-2114 Rev. J
4
© NIDEC COPAL ELECTRONICS CORP.
Characteristics subject to change without notice
ABSOLUTE MAXIMUM RATINGS
(1)
Parameters
Ratings
Units
Temperature Under Bias
-55 to +125
ºC
Storage Temperature
Range
-65 to +150
ºC
Voltage to any Pins with
Respect to VSS
(2) (3)
-2.0 to VCC
+2.0
V
VCC with Respect to GND
-2.0 to +7.0
V
Package Power Dissipa-
tion Capability (TA = 25°C)
1.0
W
Lead Soldering
Temperature (10s)
300
ºC
Wiper Current
±12
mA
RECOMMENDED OPERATING CONDITIONS
Parameters
Ratings
Units
VCC
+2.5 to 6.0
V
Industrial Temperature
-40 to +85
ºC
Notes:
(1)
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device. These
are stress ratings only, and functional operation of the device
at these or any other conditions outside of those listed in the
operational sections of this specification is not implied.
Exposure to any absolute maximum rating for extended
periods may affect device performance and reliability.
(2)
The minimum DC input voltage is –0.5V. During transitions,
inputs may undershoot to –2.0V for periods of less than 20 ns.
Maximum DC voltage on output pins is VCC +0.5V, which may
overshoot to VCC +2.0V for periods of less than 20 ns.
(3)
Latch-up protection is provided for stresses up to 100 mA on
address and data pins from –1V to VCC +1V.
POTENTIOMETER CHARACTERISTICS
Over recommended operating conditions unless otherwise stated.
s
t
i
n
U
x
a
M
p
y
T
n
i
M
s
n
o
i
t
i
d
n
o
C
t
s
e
T
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
RPOT
k
0
0
1
)
0
0
-
(
e
c
n
a
t
s
i
s
e
R
r
e
t
e
m
o
i
t
n
e
t
o
P
RPOT
k
0
5
)
0
5
-
(
e
c
n
a
t
s
i
s
e
R
r
e
t
e
m
o
i
t
n
e
t
o
P
RPOT
k
0
1
)
0
1
-
(
e
c
n
a
t
s
i
s
e
R
r
e
t
e
m
o
i
t
n
e
t
o
P
RPOT
k
5
.
2
)
5
.
2
-
(
e
c
n
a
t
s
i
s
e
R
r
e
t
e
m
o
i
t
n
e
t
o
P
Potentiometer Resistance
Tolerance
%
0
2
+
RPOT
%
1
g
n
i
h
c
t
a
M
Power Rating
25°C, each pot
50
mW
IW
A
m
6
+
t
n
e
r
r
u
C
r
e
p
i
W
RW
Wiper Resistance
IW = +3mA @ VCC = 3V
300
RW
Wiper Resistance
IW = +3mA @ VCC = 5V
80
150
VTERM
Voltage on any RH or RL Pin
VSS =0V
GND
VCC
V
VN
Noise
(1)
nV/ Hz
%
6
.
1
n
o
i
t
u
l
o
s
e
R
Absolute Linearity
(2)
RW(n)(actual)-R(n)(expected)
(5)
+1
LSB
(4)
Relative Linearity
(3)
RW(n+1)-[RW(n)+LSB]
(5)
+0.2
LSB
(4)
TCRPOT
Temperature Coefficient of RPOT
(1)
+300
ppm/°C
TCRATIO
Ratiometric Temp. Coefficient
(1)
20
ppm/°C
CH/CL/CW
Potentiometer Capacitances
(1)
10/10/25
pF
fc
Frequency Response
RPOT =50k
(1)
0.4
MHz
Notes:
(1)
This parameter is tested initially and after a design or process change that affects the parameter.
(2)
Absolute linearity is utilitzed to determine actual wiper voltage versus expected voltage as determined by wiper position when used as a
potentiometer.
(3)
Relative linearity is utilized to determine the actual change in voltage between two successive tap positions when used as a
potentiometer. It is a measure of the error in step size.
(4)
LSB = RTOT / 63 or (RH - RL) / 63, single pot
(5)
n = 0, 1, 2, ..., 63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com