Electronic Components Datasheet Search
  English  ▼

X  

DP7411 Datasheet(PDF) 1 Page - Copal Electronics

Part # DP7411
Description  Dual Digital Potentiometers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7411 Datasheet(HTML) 1 Page - Copal Electronics

  DP7411 Datasheet HTML 1Page - Copal Electronics DP7411 Datasheet HTML 2Page - Copal Electronics DP7411 Datasheet HTML 3Page - Copal Electronics DP7411 Datasheet HTML 4Page - Copal Electronics DP7411 Datasheet HTML 5Page - Copal Electronics DP7411 Datasheet HTML 6Page - Copal Electronics DP7411 Datasheet HTML 7Page - Copal Electronics DP7411 Datasheet HTML 8Page - Copal Electronics DP7411 Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DP7411
© NIDEC COPAL ELECTRONICS CORP.
1
Doc. No. MD-2114 Rev. J
Characteristics subject to change without notice
Dual Digital Potentiometers (DP)
with 64 Taps and SPI Interface
FEATURES
Two linear-taper digital potentiometers
64 resistor taps per potentiometer
End to end resistance 2.5k , 10k , 50k
or
100k
Potentiometer control and memory access via
SPI interface: Mode (0, 0) and (1, 1)
Low wiper resistance, typically 80
Nonvolatile memory storage for up to four
wiper settings for each potentiometer
Automatic recall of saved wiper settings at
power up
2.5 to 6.0 volt operation
Standby current less than 1µA
24-lead SOIC and 24-lead TSSOP
Industrial temperature ranges
PIN CONFIGURATION
SOIC (W)
(top view)
VCC
124 NC
RL0
223 NC
RH0
322 NC
RW0
421 NC
CS
¯¯¯
520 A0
WP
¯¯¯
619 SO
SI
718 HOLD
¯¯¯¯¯
A1
817 SCK
RL1
916 NC
RH1
10
15 NC
RW1
11
14 NC
GND
12
13 NC
DP
7411
TSSOP (Y)
(top view)
SI
124 WP
¯¯¯
A1
223 CS
¯¯¯
RL1
322 RW0
RH1
421 RH0
RW1
520 RL0
GND
619 VCC
NC
718 NC
NC
817 NC
NC
916 NC
NC
10
15 NC
SCK
11
14 A0
HOLD
¯¯¯¯¯
12
13 SO
DP
7411
DESCRIPTION
The
DP7411
is
two
Digital
Potentiometers
(DPs) integrated with control logic and 16 bytes
of
NVRAM
memory.
Each
DP
consists
of
a
series
of
63
resistive
elements
connected
between two externally accessible end points. The tap
points between each resistive element are connected
to the wiper outputs with CMOS switches. A separate
6-bit control register (WCR) independently controls
the wiper tap switches for each DP. Associated with
each wiper control register are four 6-bit non-volatile
memory data registers (DR) used for storing up to four
wiper settings. Writing to the wiper control register or
any of the non-volatile data registers is via a SPI serial
bus. On power-up, the contents of the first data
register (DR0) for each of the two potentiometers is
automatically loaded into its respective wiper control
register.
The DP7411 can be used as a potentiometer or as a
two terminal, variable resistor. It is intended for circuit
level or system level adjustments in a wide variety of
applications.
FUNCTIONAL DIAGRAM
For Ordering Information details, see page 15.
RW0
RW1
RH0
SO
SI
SCK
A0
A1
RH1
RL0
RL1
NONVOLATILE
DATA
REGISTERS
WIPER
CONTROL
REGISTERS
CONTROL
LOGIC
SPI BUS
INTERFACE
WP
CS


Similar Part No. - DP7411

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
DP7419 COPAL-DP7419 Datasheet
180Kb / 16P
Dual Digital Potentiometers
More results

Similar Description - DP7411

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X95820 INTERSIL-X95820 Datasheet
1Mb / 12P
Dual Digital Controlled Potentiometers
September 26, 2005
X95820 INTERSIL-X95820_06 Datasheet
1Mb / 12P
Dual Digital Controlled Potentiometers
July 18, 2006
ISL96017 INTERSIL-ISL96017_12 Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
logo
Analog Devices
AD8400 AD-AD8400_15 Datasheet
610Kb / 32P
Digital Potentiometers
Rev. E
AD8403 AD-AD8403_15 Datasheet
610Kb / 32P
Digital Potentiometers
Rev. E
logo
Copal Electronics
AN9 COPAL-AN9 Datasheet
114Kb / 7P
Digital Potentiometers
DN3 COPAL-DN3 Datasheet
72Kb / 2P
Digital Potentiometers
DP7261 COPAL-DP7261 Datasheet
165Kb / 15P
Dual Digital Potentiometers
DP7269 COPAL-DP7269 Datasheet
174Kb / 16P
Dual Digital Potentiometers
DP7419 COPAL-DP7419 Datasheet
180Kb / 16P
Dual Digital Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com