Electronic Components Datasheet Search
  English  ▼

X  

DP7411 Datasheet(PDF) 6 Page - Copal Electronics

Part # DP7411
Description  Dual Digital Potentiometers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7411 Datasheet(HTML) 6 Page - Copal Electronics

Back Button DP7411 Datasheet HTML 2Page - Copal Electronics DP7411 Datasheet HTML 3Page - Copal Electronics DP7411 Datasheet HTML 4Page - Copal Electronics DP7411 Datasheet HTML 5Page - Copal Electronics DP7411 Datasheet HTML 6Page - Copal Electronics DP7411 Datasheet HTML 7Page - Copal Electronics DP7411 Datasheet HTML 8Page - Copal Electronics DP7411 Datasheet HTML 9Page - Copal Electronics DP7411 Datasheet HTML 10Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
DP7411
Doc. No. MD-2114 Rev. J
6
© NIDEC COPAL ELECTRONICS CORP.
Characteristics subject to change without notice
ELECTRICAL CHARACTERISTICS
Over recommended operating conditions unless otherwise stated.
s
n
o
i
t
i
d
n
o
C
t
s
e
T
s
t
i
n
U
x
a
M
p
y
T
n
i
M
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
tSU
s
n
0
5
e
m
i
T
p
u
t
e
S
a
t
a
D
tH
s
n
0
5
e
m
i
T
d
l
o
H
a
t
a
D
tWH
s
n
5
2
1
e
m
i
T
h
g
i
H
K
C
S
tWL
s
n
5
2
1
e
m
i
T
w
o
L
K
C
S
fSCK
z
H
M
3
C
D
y
c
n
e
u
q
e
r
F
k
c
o
l
C
tLZ
HOLD
¯¯¯¯¯ to Output Low Z
50
ns
tRI
(1)
s
µ
2
e
m
i
T
e
s
i
R
t
u
p
n
I
tFI
(1)
s
µ
2
e
m
i
T
ll
a
F
t
u
p
n
I
tHD
HOLD
¯¯¯¯¯ Setup Time
100
ns
CL =50pF
tCD
HOLD
¯¯¯¯¯ Hold Time
100
ns
tWC
s
m
5
e
m
i
T
e
l
c
y
C
e
t
i
r
W
tV
Output Valid from Clock Low
250
ns
tHO
s
n
0
e
m
i
T
d
l
o
H
t
u
p
t
u
O
tDIS
Output Disable Time
250
ns
tHZ
HOLD
¯¯¯¯¯ to Output High Z
100
ns
tCS
CS
¯¯¯ High Time
250
ns
tCSS
CS
¯¯¯ Setup Time
250
ns
tCSH
CS
¯¯¯ Hold Time
250
ns
POTENTIOMETER AC CHARACTERISTICS
Symbol
Parameter
Max
Units
tWRL
Wiper response time after instruction issued (all load instructions)
10
µs
tWRID
Wiper response time from an active SCL/SCK edge (Increment/decrement instruction)
5
µs
Note:
(1)
This parameter is tested initially and after a design or process change that affects the parameter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com