Electronic Components Datasheet Search
  English  ▼

X  

DP7411 Datasheet(PDF) 5 Page - Copal Electronics

Part # DP7411
Description  Dual Digital Potentiometers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7411 Datasheet(HTML) 5 Page - Copal Electronics

  DP7411 Datasheet HTML 1Page - Copal Electronics DP7411 Datasheet HTML 2Page - Copal Electronics DP7411 Datasheet HTML 3Page - Copal Electronics DP7411 Datasheet HTML 4Page - Copal Electronics DP7411 Datasheet HTML 5Page - Copal Electronics DP7411 Datasheet HTML 6Page - Copal Electronics DP7411 Datasheet HTML 7Page - Copal Electronics DP7411 Datasheet HTML 8Page - Copal Electronics DP7411 Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
DP7411
© NIDEC COPAL ELECTRONICS CORP.
5
Doc. No. MD-2114 Rev. J
Characteristics subject to change without notice
D.C. OPERATING CHARACTERISTICS
Over recommended operating conditions unless otherwise stated.
s
t
i
n
U
x
a
M
n
i
M
s
n
o
i
t
i
d
n
o
C
t
s
e
T
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
ICC
Power Supply Current
fSCK = 2MHz, SO
Open Inputs = GND
1mA
ISB
Standby Current (VCC = 5.0V)
VIN = GND or VCC; SO Open
1
µA
ILI
Input Leakage Current
VIN = GND to VCC
10
µA
ILO
Output Leakage Current
VOUT = GND to VCC
10
µA
VIL
V
1
-
e
g
a
t
l
o
V
w
o
L
t
u
p
n
I
CC x 0.3
V
VIH
V
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
I
CC x 0.7
VCC + 1.0
V
VOL1
Output Low Voltage (VCC = 3.0V)
IOL
V
4
.
0
A
m
3
=
PIN CAPACITANCE
(1)
Applicable over recommended operating range from TA = 25°C , f = 1.0 MHz, VCC = +5.0V (unless otherwise noted).
s
n
o
i
t
i
d
n
o
C
s
t
i
n
U
x
a
M
p
y
T
n
i
M
s
n
o
i
t
i
d
n
o
C
t
s
e
T
l
o
b
m
y
S
COUT
V
F
p
8
)
O
S
(
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
O
OUT =0V
CIN
Input Capacitance ( CS
¯¯¯, SCK, SI, WP
¯¯¯, HOLD
¯¯¯¯¯)
6pF
VIN =0V
POWER UP TIMING
(1)
Over recommended operating conditions unless otherwise stated.
s
t
i
n
U
x
a
M
p
y
T
n
i
M
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
tPUR
(2)
Power-up to Read Operation
1
ms
tPUW
(2)
Power-up to Write Operation
1
ms
Notes:
(1)
This parameter is tested initially and after a design or process change that affects the parameter.
(2)
tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com