Electronic Components Datasheet Search
  English  ▼

X  

MAX1179CEUI Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1179CEUI
Description  16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1179CEUI Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1179CEUI Datasheet HTML 5Page - Maxim Integrated Products MAX1179CEUI Datasheet HTML 6Page - Maxim Integrated Products MAX1179CEUI Datasheet HTML 7Page - Maxim Integrated Products MAX1179CEUI Datasheet HTML 8Page - Maxim Integrated Products MAX1179CEUI Datasheet HTML 9Page - Maxim Integrated Products MAX1179CEUI Datasheet HTML 10Page - Maxim Integrated Products MAX1179CEUI Datasheet HTML 11Page - Maxim Integrated Products MAX1179CEUI Datasheet HTML 12Page - Maxim Integrated Products MAX1179CEUI Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
completing a conversion. The reference and reference
buffer require a minimum of 12ms (CREFADJ = 0.1µF,
CREF = 10µF) to power up and settle from shutdown.
The state of R/C during the second falling edge of CS
selects which power-down mode the MAX1179/
MAX1187/MAX1189 enters upon conversion comple-
tion. Holding R/C low causes the MAX1179/MAX1187/
MAX1189 to enter standby mode. The reference and
buffer are left on after the conversion completes. R/C
high causes the MAX1179/MAX1187/MAX1189 to enter
shutdown mode and power down the reference and
buffer after conversion (see Figures 5 and 6). Set the
voltage at REF high during the second falling edge of
CS to realize the lowest current operation.
Standby Mode
While in standby mode, the supply current is less than
3.7mA (typ). The next falling edge of CS with R/C low
causes the MAX1179/MAX1187/MAX1189 to exit stand-
by mode and begin acquisition. The reference and ref-
erence buffer remain active to allow quick turn-on time.
16-Bit, 135ksps, Single-Supply ADCs with
Bipolar Analog Input Range
_______________________________________________________________________________________
9
Figure 4. Equivalent Input Circuit
MAX1187
R2
R3
161
Ω
3.4k
Ω
TRACK
TRACK
HOLD
HOLD
S1, S2 = T/H SWITCH
S3 = POWER-DOWN
(MAX1179/MAX1189
ONLY)
S1
CHOLD
30pF
S2
AIN
MAX1179/MAX1189
R2
R3
161
Ω
3.4k
Ω
S3
POWER-
DOWN
TRACK
TRACK
HOLD
HOLD
REF
R2 = 7.85k
Ω (MAX1189)
OR 3.92k
Ω (MAX1179/MAX1187)
R3 = 5.45k
Ω (MAX1189)
OR 17.79k
Ω (MAX1179/MAX1187)
S1
CHOLD
30pF
S2
AIN
T/H OUT
T/H OUT
Figure 5. Selecting Standby Mode
CS
R/C
EOC
ACQUISITION
CONVERSION
DATA
OUT
REF AND
BUFFER
POWER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com