Electronic Components Datasheet Search
  English  ▼

X  

MAX1179CEUI Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1179CEUI
Description  16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1179CEUI Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1179CEUI Datasheet HTML 1Page - Maxim Integrated Products MAX1179CEUI Datasheet HTML 2Page - Maxim Integrated Products MAX1179CEUI Datasheet HTML 3Page - Maxim Integrated Products MAX1179CEUI Datasheet HTML 4Page - Maxim Integrated Products MAX1179CEUI Datasheet HTML 5Page - Maxim Integrated Products MAX1179CEUI Datasheet HTML 6Page - Maxim Integrated Products MAX1179CEUI Datasheet HTML 7Page - Maxim Integrated Products MAX1179CEUI Datasheet HTML 8Page - Maxim Integrated Products MAX1179CEUI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
16-Bit, 135ksps, Single-Supply ADCs with
Bipolar Analog Input Range
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = DVDD = +5V ±5%, external reference = +4.096V, CREF = 10µF, CREFADJ = 0.1µF, VREFADJ = AVDD, TA = TMIN to TMAX,
unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Normal operation
-1.8
+0.4
MAX1179,
-5V
≤ VAIN ≤ +5V
Shutdown mode
-1.8
+1.8
MAX1187,
0
≤ VAIN ≤ +10V
Normal/shutdown
mode
-0.1
+2.0
Normal operation
-1.8
+1.2
Input Current
IAIN
MAX1189,
-10V
≤ VAIN ≤ +10V
Shutdown mode
-1.8
+1.8
mA
MAX1179, VAIN = +5V, shutdown mode to
operating mode
1
1.4
Input Current Step at Power-Up
IPU
MAX1189, VAIN = +10V, shutdown mode to
operating mode
0.5
0.7
mA
Input Capacitance
CIN
10
pF
INTERNAL REFERENCE
REF Output Voltage
VREF
4.056
4.096
4.136
V
REF Output Tempco
±35
ppm/°C
REF Short-Circuit Current
IREF-(SC)
±10
mA
EXTERNAL REFERENCE
REF and REFADJ Input Voltage
Range
3.8
4.2
V
REFADJ Buffer Disable Threshold
AVDD -
0.4
AVDD -
0.1
V
Normal mode, fSAMPLE = 135ksps
60
100
REF Input Current
IREF
Shutdown mode (Note 1)
±0.1
±10
µA
REFADJ Input Current
IREFADJ
REFADJ = AVDD
16
µA
DIGITAL INPUTS/OUTPUTS
Output High Voltage
VOH
ISOURCE = 0.5mA, DVDD = +2.7V to +5.25V,
AVDD = +5.25V
DVDD -
0.4
V
Output Low Voltage
VOL
ISINK = 1.6mA, DVDD = +2.7V to +5.25V,
AVDD = +5.25V
0.4
V
Input High Voltage
VIH
0.7
×
DVDD
V
Input Low Voltage
VIL
0.3
×
DVDD
V
Input Leakage Current
Digital input = DVDD or 0V
-1
+1
µA
Input Hysteresis
VHYST
0.2
V
Input Capacitance
CIN
15
pF
Three-State Output Leakage
IOZ
±10
µA
Three-State Output Capacitance
COZ
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com