Electronic Components Datasheet Search
  English  ▼

X  

MAX1179CEUI Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1179CEUI
Description  16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1179CEUI Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1179CEUI Datasheet HTML 1Page - Maxim Integrated Products MAX1179CEUI Datasheet HTML 2Page - Maxim Integrated Products MAX1179CEUI Datasheet HTML 3Page - Maxim Integrated Products MAX1179CEUI Datasheet HTML 4Page - Maxim Integrated Products MAX1179CEUI Datasheet HTML 5Page - Maxim Integrated Products MAX1179CEUI Datasheet HTML 6Page - Maxim Integrated Products MAX1179CEUI Datasheet HTML 7Page - Maxim Integrated Products MAX1179CEUI Datasheet HTML 8Page - Maxim Integrated Products MAX1179CEUI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
16-Bit, 135ksps, Single-Supply ADCs with
Bipolar Analog Input Range
4
_______________________________________________________________________________________
Note 1: Maximum specification is limited by automated test equipment.
Note 2: To ensure best performance, finish reading the data and wait tBR before starting a new acquisition.
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = DVDD = +5V ±5%, external reference = +4.096V, CREF = 10µF, CREFADJ = 0.1µF, VREFADJ = AVDD, TA = TMIN to TMAX,
unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLIES
Analog Supply Voltage
AVDD
4.75
5.25
V
Digital Supply Voltage
DVDD
2.70
5.25
V
MAX1187
2.9
External reference,
135ksps
MAX1179/MAX1189
4.0
5.3
MAX1187
3.8
Analog Supply Current
IAVDD
Internal reference,
135ksps
MAX1179/MAX1189
5.2
6.2
mA
Shutdown mode, IAVDD + IDVDD (Note 1),
digital input = DVDD or 0V
0.5
5
µA
Shutdown Supply Current
ISHDN
Standby mode
3.7
mA
Digital Supply Current
IDVDD
0.75
mA
Power-Supply Rejection
AVDD = DVDD = +4.75V to +5.25V
3.5
LSB
TIMING CHARACTERISTICS (Figures 1 and 2)
(AVDD = +5V ±5V, DVDD = +2.7V to AVDD, external reference = +4.096V, CREF = 10µF, CREFADJ = 0.1µF, VREFADJ = AVDD, CLOAD
= 20pF, TA = TMIN to TMAX.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Maximum Sampling Rate
fSAMPLE(MAX)
135
ksps
Acquisition Time
tACQ
2µs
Conversion Time
tCONV
4.7
µs
CS Pulse Width High
tCSH
(Note 2)
40
ns
DVDD = +4.75V to +5.25V
40
CS Pulse Width Low
tCSL
(Note 2)
DVDD = +2.7V to +5.25V
60
ns
R/C to CS Fall Setup Time
tDS
0ns
DVDD = +4.75V to +5.25V
40
R/C to CS Fall Hold Time
tDH
DVDD = +2.7V to +5.25V
60
ns
DVDD = +4.75V to +5.25V
40
CS to Output Data Valid
tDO
DVDD = +2.7V to +5.25V
80
ns
EOC Fall to CS Fall
tDV
0ns
DVDD = +4.75V to +5.25V
40
CS Rise to EOC Rise
tEOC
DVDD = +2.7V to +5.25V
80
ns
DVDD = +4.75V to +5.25V
40
Bus Relinquish Time
tBR
DVDD = +2.7V to +5.25V
80
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com