Electronic Components Datasheet Search
  English  ▼

X  

MAX1179CEUI Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1179CEUI
Description  16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1179CEUI Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1179CEUI Datasheet HTML 1Page - Maxim Integrated Products MAX1179CEUI Datasheet HTML 2Page - Maxim Integrated Products MAX1179CEUI Datasheet HTML 3Page - Maxim Integrated Products MAX1179CEUI Datasheet HTML 4Page - Maxim Integrated Products MAX1179CEUI Datasheet HTML 5Page - Maxim Integrated Products MAX1179CEUI Datasheet HTML 6Page - Maxim Integrated Products MAX1179CEUI Datasheet HTML 7Page - Maxim Integrated Products MAX1179CEUI Datasheet HTML 8Page - Maxim Integrated Products MAX1179CEUI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
16-Bit, 135ksps, Single-Supply ADCs with
Bipolar Analog Input Range
_______________________________________________________________________________________
5
INL vs. CODE
CODE
60000
20000
10000
30000
50000
40000
-2.0
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
2.5
-2.5
0
DNL vs. CODE
CODE
-2.0
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
2.5
-2.5
60000
20000
10000
30000
50000
40000
0
SUPPLY CURRENT (AVDD + DVDD)
vs. TEMPERATURE
TEMPERATURE (
°C)
60
40
-20
0
20
4.45
4.50
4.55
4.60
4.65
4.70
4.75
4.80
4.40
-40
80
5.25V
5.0V
4.75V
fSAMPLE = 135ksps
SHUTDOWN MODE BETWEEN
CONVERSIONS
SUPPLY CURRENT (AVDD + DVDD)
vs. SAMPLE RATE
SAMPLE RATE (ksps)
100
10
1
0.1
0.001
0.01
0.1
1
10
0.0001
0.01
1000
STANDBY MODE
SHUTDOWN MODE
-0.20
-0.10
-0.15
0
-0.05
0.15
0.10
0.05
0.20
-40
0
-20
20
40
60
80
GAIN ERROR
vs. TEMPERATURE
TEMPERATURE (
°C)
SHUTDOWN CURRENT (AVDD + DVDD)
vs. TEMPERATURE
TEMPERATURE (
°C)
60
40
-20
0
20
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.5
4.0
5.0
0
-40
80
NO CONVERSIONS
OFFSET ERROR vs. TEMPERATURE
TEMPERATURE (
°C)
60
40
-20
0
20
-8
-6
-4
-2
0
2
4
8
6
10
-10
-40
80
MAX1189
4.056
4.076
4.066
4.096
4.086
4.126
4.116
4.106
4.136
-40
0
-20
20
40
60
80
INTERNAL REFERENCE
vs. TEMPERATURE
TEMPERATURE (
°C)
FFT AT 1kHz
FREQUENCY (kHz)
40
20
-160
-140
-120
-100
-80
-60
-40
-20
0
-180
060
fSAMPLE = 135ksps
Typical Operating Characteristics
(AVDD = DVDD = +5V, external reference = +4.096V, CREF = 10µF, CREFADJ = 0.1µF, VREFADJ = AVDD, CLOAD = 20pF, TA = TMIN to
TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Typical Application Circuit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com