Electronic Components Datasheet Search
  English  ▼

X  

MAX1179CEUI Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1179CEUI
Description  16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1179CEUI Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1179CEUI Datasheet HTML 2Page - Maxim Integrated Products MAX1179CEUI Datasheet HTML 3Page - Maxim Integrated Products MAX1179CEUI Datasheet HTML 4Page - Maxim Integrated Products MAX1179CEUI Datasheet HTML 5Page - Maxim Integrated Products MAX1179CEUI Datasheet HTML 6Page - Maxim Integrated Products MAX1179CEUI Datasheet HTML 7Page - Maxim Integrated Products MAX1179CEUI Datasheet HTML 8Page - Maxim Integrated Products MAX1179CEUI Datasheet HTML 9Page - Maxim Integrated Products MAX1179CEUI Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
16-Bit, 135ksps, Single-Supply ADCs with
Bipolar Analog Input Range
6
_______________________________________________________________________________________
SINAD vs. FREQUENCY
FREQUENCY (kHz)
10
10
20
30
40
50
60
70
80
90
100
0
1
100
fSAMPLE = 131ksps
SPURIOUS-FREE DYNAMIC RANGE
vs. FREQUENCY
FREQUENCY (kHz)
10
20
40
60
80
100
120
0
1
100
TOTAL HARMONIC DISTORTION
vs. FREQUENCY
FREQUENCY (kHz)
10
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-110
1
100
Pin Description
PIN
NAME
FUNCTION
1
D8
Three-State Digital Data Output
2
D9
Three-State Digital Data Output
3
D10
Three-State Digital Data Output
4
D11
Three-State Digital Data Output
5
D12
Three-State Digital Data Output
6
D13
Three-State Digital Data Output
7
D14
Three-State Digital Data Output
8
D15
Three-State Digital Data Output (MSB)
9R/C
Read/Convert Input. Power up and place the MAX1179/MAX1187/MAX1189 in acquisition mode by
holding R/C low during the first falling edge of CS. During the second falling edge of CS, the level
on R/C determines whether the reference and reference buffer power down or remain on after
conversion. Set R/C high during the second falling edge of CS to power down the reference and
buffer, or set R/C low to leave the reference and buffer powered up. Set R/C high during the third
falling edge of CS to put valid data on the bus.
10
EOC
End of Conversion. EOC drives low when conversion is complete.
11
AVDD
Analog Supply Input. Bypass with a 0.1µF capacitor to AGND.
12
AGND
Analog Ground. Primary analog ground (star ground).
13
AIN
Analog Input
14
AGND
Analog Ground. Connect pin 14 to pin 12.
Typical Operating Characteristics (continued)
(AVDD = DVDD = +5V, external reference = +4.096V, CREF = 10µF, CREFADJ = 0.1µF, VREFADJ = AVDD, CLOAD = 20pF, TA = TMIN to
TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Typical Application Circuit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com