Electronic Components Datasheet Search
  English  ▼

X  

LM1247 Datasheet(PDF) 37 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1247
Description  150 MHz I2C Compatible RGB Preamplifier with Internal 512 Character OSD ROM, 512 Character RAM and 4 DACs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1247 Datasheet(HTML) 37 Page - National Semiconductor (TI)

Back Button LM1247 Datasheet HTML 33Page - National Semiconductor (TI) LM1247 Datasheet HTML 34Page - National Semiconductor (TI) LM1247 Datasheet HTML 35Page - National Semiconductor (TI) LM1247 Datasheet HTML 36Page - National Semiconductor (TI) LM1247 Datasheet HTML 37Page - National Semiconductor (TI) LM1247 Datasheet HTML 38Page - National Semiconductor (TI) LM1247 Datasheet HTML 39Page - National Semiconductor (TI) LM1247 Datasheet HTML 40Page - National Semiconductor (TI) LM1247 Datasheet HTML 41Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
Control Register Definitions (Continued)
Bits 6–4
This three bit field determines the ROM bank (0-7) selected when the upper two bits of the
character address in Page RAM are 01 (Character Address = 01xxxxxxb)
Bit 7
This bit is reserved and should be set to 0.
ROM Bank Select Register B:
BANKSEL_2-3 (0x8428)
Res’d
Bank Select 3
Res’d
Bank Select 2
X
B3AD[2:0]
X
B2AD[2:0]
Bits 2–0
This three bit field determines the ROM bank (0-7) selected when the upper two bits of the Page
RAM addresses are 10 (Character Address = 10xxxxxxb)
Bit 3
This bit is reserved and should be set to 0.
Bits 6–4
This three bit field determines the ROM bank (0-7) selected when the upper two bits of the Page
RAM addresses are 11 (Character Address = 11xxxxxxb)
Bit 7
This bit is reserved and should be set to 0.
The actual address for any character in ROM is formed, in logic, from the address in the Page RAM, by this sequence (also see
Figure 13):
1.
The upper 2 bits of the character address in Page RAM are used to address one of the four 3 bit fields in Bank Select Register
A or Bank Select Register B. As shown in Table 22, depending on which of the four values is present, the corresponding 3
bit bank address is obtained from the BANKSEL_0, BANKSEL_1, BANKSEL_2, or BANKSEL_3 field shown in the last
column.
TABLE 22. Address Lookup
Character Address in
Page RAM
Upper Two Bits
Three Bit Bank Address
Source
00xxxxxxb
00b
B0AD[2:0]
01xxxxxxb
01b
B1AD[2:0]
10xxxxxxb
10b
B2AD[2:0]
11xxxxxxb
11b
B3AD[2:0]
2.
Then, the 3 bit address obtained from B0AD[2:0], B1AD[2:0], B2AD[2:0] and B3AD[2:0] are used to select four of the eight
2 or 4 color ROM banks as shown in Table 23. The BxAD[2:0] column gives the range of three bit addresses and the next
two columns give the corresponding ROM address range and the character type.
TABLE 23. Resulting ROM Bank Address
BxAD[2:0]
Character ROM Address Range
ROM Character Type
000b
0x000 - 0x03F
2 Color
001b
0x040 - 0x07F
2 Color
010b
0x080 - 0x0BF
2 Color
011b
0x0C0 - 0x0FF
4 Color
100b
0x100 - 0x13F
2 Color
101b
0x140 - 0x17F
2 Color
110b
0x180 - 0x1BF
2 Color
111b
0x1C0 - 0x1FF
4 Color
3.
In summary, the final ROM character address is formed by concatenating (combining end to end) the three bits of the
corresponding Bank Address Register with the lower six bits of the original character address in RAM. Since just the two
highest bits of the Page RAM address are used, only 4 banks can be addressed at one time.
www.national.com
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com