Electronic Components Datasheet Search
  English  ▼

X  

LM1247 Datasheet(PDF) 39 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1247
Description  150 MHz I2C Compatible RGB Preamplifier with Internal 512 Character OSD ROM, 512 Character RAM and 4 DACs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1247 Datasheet(HTML) 39 Page - National Semiconductor (TI)

Back Button LM1247 Datasheet HTML 35Page - National Semiconductor (TI) LM1247 Datasheet HTML 36Page - National Semiconductor (TI) LM1247 Datasheet HTML 37Page - National Semiconductor (TI) LM1247 Datasheet HTML 38Page - National Semiconductor (TI) LM1247 Datasheet HTML 39Page - National Semiconductor (TI) LM1247 Datasheet HTML 40Page - National Semiconductor (TI) LM1247 Datasheet HTML 41Page - National Semiconductor (TI) LM1247 Datasheet HTML 42Page - National Semiconductor (TI) LM1247 Datasheet HTML 43Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
Pre-Amplifier Interface Registers (Continued)
Bits 7–0
This register determines the output of DAC 3. The full-scale output is determined by bit 5 of the
DAC Config, OSD Contrast & DC Offset Register (0x8438).
DAC 4 Output Level:
DAC4CTRL (0x8437)
DAC 4 Output Level
BA[7:0]
Bits 7–0
This register determines the output of DAC 4. The output of this DAC can be scaled and mixed
with the outputs of DACs 1–3 as determined by bit 6 of the DAC Config, OSD Contrast & DC
Offset Register.
DAC Config, OSD Contrast & DC Offset:
DACOSDDCOFF (0x8438)
Res’d
DAC Options
OSD Contrast
DC Offset
X
DCF[1:0]
OSD[1:0]
DC[2:0]
Bits 2–0
These determine the DC offset of the three video outputs, blue, red and green.
Bits 4–3
These determine the contrast of the internally generated OSD.
Bit 5
When this bit is a 0, the full-scale outputs of DACs 1–3 are 0.5V to 4.5V. When it isa1the
full-scale level is 0.5V to 2.5V.
Bit 6
When this bit is a 0, the DAC 4 output is independent. When it is a 1, the DAC 4 output is scaled
by 50% and added to the outputs of DACs 1–3.
Bit 7
Reserved and should be set to zero.
Global Video Control:
GLOBALCTRL (0x8439)
Reserved
Power
Blank
X
XXXXX
PS
BV
Bit 0
When this bit is a 1, the video outputs are blanked (set to black level). When it is a 0, video is not
blanked.
Bit 1
When this bit is a 1, the analog sections of the preamplifier are shut down for low power
consumption. When it is a 0, the analog sections are enabled.
Bits 7–2
Reserved and should be set to 0.
Auxillary Control:
AUXCTRL (0x843A)
Reserved
Int Clp
H Blnk
X
XXXXX
ACEn
HBEn
Bit 0
When this bit is a 1, the horizontal blanking input at pin 24 is gated to the video outputs to provide
horizontal blanking. When it is a 0, the horizontal blanking at the outputs is disabled.
Bit 1
When this bit is a 1, the internal auxillary clamp is enabled. This operates on the blue video input
so that if its level falls below 0.8 VDC, then this turns the internal clamp on to raise the output
level. This is not to be confused with the black level video clamp in the next register (0x843E).
Bit 2
This bit is reserved and should be set to a 1.
Bits 3–7
These bits are reserved and should be set to 0.
PLL Range:
PLLFREQRNG (0x843E)
Reserved
Clamp
OSD
VBlank
PLL
X
X
X
CLMP
OOR
VBL
PFR[1:0]
www.national.com
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com