Electronic Components Datasheet Search
  English  ▼

X  

LM1247 Datasheet(PDF) 41 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1247
Description  150 MHz I2C Compatible RGB Preamplifier with Internal 512 Character OSD ROM, 512 Character RAM and 4 DACs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1247 Datasheet(HTML) 41 Page - National Semiconductor (TI)

Back Button LM1247 Datasheet HTML 37Page - National Semiconductor (TI) LM1247 Datasheet HTML 38Page - National Semiconductor (TI) LM1247 Datasheet HTML 39Page - National Semiconductor (TI) LM1247 Datasheet HTML 40Page - National Semiconductor (TI) LM1247 Datasheet HTML 41Page - National Semiconductor (TI) LM1247 Datasheet HTML 42Page - National Semiconductor (TI) LM1247 Datasheet HTML 43Page - National Semiconductor (TI) LM1247 Datasheet HTML 44Page - National Semiconductor (TI) LM1247 Datasheet HTML 45Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
Attribute Table and Enhanced Features (Continued)
TABLE 24. Enhanced Feature Descriptions
Bits 21–18
Feature Description
0000b
Normal Display
0001b
Blinking
0010b
Shadowing
0011b
Bordering
0100b
RESERVED
0101b
RESERVED
0110b
RESERVED
0111b
RESERVED
1000b
Raised Box
1001b
Blinking and Raised Box
1010b
Depressed Box
1011b
Blinking and Depressed Box
1100b
Heavy Raised Box
1101b
Blinking and Heavy Raised Box
1110b
Heavy Depressed Box
1111b
Blinking and Heavy Depressed Box
FOUR COLOR ATTRIBUTE FORMAT
The address range for an attribute number, 0
≤ n ≤ 15, is provided in Table 25.
ATT4C7n (0x8507+n*4)
ATT4C6n (0x8506+n*4)
Reserved
Color 3-
X
XXXXXXXXXXXXX
C3B[2:1]
ATT4C5n (0x8505+n*4)
ATT4C4n (0x8504+n*4)
Blue
Color 3 - Green
Color 3 - Red
Color 2 - Blue
Color 2 - Green
Color2-Red
C3B0
C3G[2:0]
C3R[2:0]
C2B[2:0]
C2G[2:0]
C2R[2:0]
ATT4C3n (0x8503+n*4)
ATT4C2n (0x8502+n*4)
Reserved
Enhanced Features
Color 1 -
X
XXXXXXXXX
EFB[3:0]
C1B[2:1]
ATT4C1n (0x8501+n*4)
ATT4C0n (0x8500+n*4)
Blue
Color 1 - Green
Color 1 - Red
Color 0 - Blue
Color 0 - Green
Color0-Red
C1B0
C1G[2:0]
C1R[2:0]
C0B[2:0]
C0G[2:0]
C0R[2:0]
Bits 8–0
These nine bits determine the color0 which is displayed when the corresponding OSD pixel code is 00b.
Bits 17–9
These nine bits determine the color1 which is displayed when the corresponding OSD pixel code is a 01b.
Bits 21–18
These are the enhanced feature (EF) bits which determine which feature is applied to the displayed character.
The features and their corresponding codes are shown in Table 24.
Bits 31–22
Reserved and should be set to zero.
Bits 40–32
These nine bits determine the color2 which is displayed when the corresponding OSD pixel code is a 10b.
Bits 49–41
These nine bits determine the color3 which is displayed when the corresponding OSD pixel code is an 11b.
Bits 63–50
Reserved and should be set to zero.
TABLE 25. Attribute Tables and Corresponding Addresses
Attribute Number, (n)
Two-Color Attribute Table Address
Four-Color Attribute Table Address
0000b
0x8440–0x8443
0x8500–0x8507
0001b
0x8444–0x8447
0x8508–0x850F
0010b
0x8448–0x844B
0x8510–0x8517
0011b
0x844C–0x844F
0x8518–0x851F
www.national.com
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com