Electronic Components Datasheet Search
  English  ▼

X  

LM1247 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1247
Description  150 MHz I2C Compatible RGB Preamplifier with Internal 512 Character OSD ROM, 512 Character RAM and 4 DACs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1247 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button LM1247 Datasheet HTML 18Page - National Semiconductor (TI) LM1247 Datasheet HTML 19Page - National Semiconductor (TI) LM1247 Datasheet HTML 20Page - National Semiconductor (TI) LM1247 Datasheet HTML 21Page - National Semiconductor (TI) LM1247 Datasheet HTML 22Page - National Semiconductor (TI) LM1247 Datasheet HTML 23Page - National Semiconductor (TI) LM1247 Datasheet HTML 24Page - National Semiconductor (TI) LM1247 Datasheet HTML 25Page - National Semiconductor (TI) LM1247 Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
Microcontroller Interface (Continued)
LM1247 Address Map
CHARACTER ROM
The 512 font characters from 0x0000 to 0x7FFF can be read from ROM by addressing the individual pixel rows of the desired
character. Since the characters have 12 columns, it takes two bytes to read a given row of pixels within one character. Since the
characters have 18 rows, a total of 36 bytes are needed to read the entire character. The 16 bit address for reading a row of pixels
is formed as follow:
Address = (N * 0x1000) + (I * 0x40) + (R * 0x02) + H
where: N = bank number (0x0
≤ N ≤ 0x7)
I = Character Index within its respective bank (0x00
≤ I ≤ 0x3F)
R = row of pixels within the character (0x00
≤ R ≤ 0x11)
H = 0 for low byte, 1 for high byte
Note that bit 0 of the Character Font Access Register, 0x8402, needs to be set to 0 to read the 2-color fonts. In order to read the
four-color fonts, two complete reads are needed. Set bit 0 of the Character Font Access Register, 0x8402, toa0to read the least
significant plane and toa1to read the most significant plane. See Table 4.
TABLE 4. Character ROM Addressing
Address Range
R/W
Description
0x8402[0]
N
0x0000–0x2FFF
R
These are the first 3 banks of two-color, read-only ROM character
fonts. There are 192 total characters in this range.
0
0x0
0x1
0x2
0x3000–0x3FFF
R
This is bank 3 of four-color, read-only ROM character fonts. There
are 64 total characters in this range.
0/1
0x3
0x4000–0x6FFF
R
These are banks 4, 5 and 6 of two-color read-only ROM character
fonts. There are 192 characters in this range.
0
0x4
0x5
0x6
0x7000–0x7FFF
R
This is bank 7 of four-color, read-only ROM character fonts. There
are 64 total characters in this range.
0/1
0x7
When read back, the low byte will contain the first eight pixels of the row with data bit 0 corresponding to the left most bit in the
pixel row. The high byte will contain the remaining four pixels in the least significant nibble. The remaining 4 bits, shown as “X”,
are “don’t care” bits, and should be discarded. Bit 3 of the high byte corresponds to the right most pixel in the pixel row. This is
shown in Table 5.
20048439
FIGURE 24. I
2C Compatible Read Sequence
www.national.com
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com