Electronic Components Datasheet Search
  English  ▼

X  

TMX320LC2403AVFS Datasheet(PDF) 118 Page - Texas Instruments

Part # TMX320LC2403AVFS
Description  DSP CONTROLLERS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMX320LC2403AVFS Datasheet(HTML) 118 Page - Texas Instruments

Back Button TMX320LC2403AVFS Datasheet HTML 114Page - Texas Instruments TMX320LC2403AVFS Datasheet HTML 115Page - Texas Instruments TMX320LC2403AVFS Datasheet HTML 116Page - Texas Instruments TMX320LC2403AVFS Datasheet HTML 117Page - Texas Instruments TMX320LC2403AVFS Datasheet HTML 118Page - Texas Instruments TMX320LC2403AVFS Datasheet HTML 119Page - Texas Instruments TMX320LC2403AVFS Datasheet HTML 120Page - Texas Instruments TMX320LC2403AVFS Datasheet HTML 121Page - Texas Instruments TMX320LC2403AVFS Datasheet HTML 122Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 134 page
background image
TMS320LF2407A,TMS320LF2406A, TMS320LF2403A, TMS320LF2402A
TMS320LC2406A, TMS320LC2404A, TMS320LC2403A, TMS320LC2402A
DSP CONTROLLERS
SPRS145K − JULY 2000 − REVISED AUGUST 2005
118
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
peripheral register descriptions (continued)
Table 19. LF240xA/LC240xA DSP Peripheral Register Description (Continued)
ADDR
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
REG
ADDR
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
REG
CONTROLLER AREA NETWORK (CAN) CONFIGURATION CONTROL REGISTERS (CONTINUED)
07105h
—
—
—
—
—
SBG
SJW1
SJW0
BCR1
07105h
SAM
TSEG1−3
TSEG1−2
TSEG1−1
TSEG1−0
TSEG2−2
TSEG2−1
TSEG2−0
BCR1
07106h
—
—
—
—
—
—
—
FER
ESR
07106h
BEF
SA1
CRCE
SER
ACKE
BO
EP
EW
ESR
07107h
—
—
—
—
—
—
—
—
GSR
07107h
—
—
SMA
CCE
PDA
—
RM
TM
GSR
07108h
TEC7
TEC6
TEC5
TEC4
TEC3
TEC2
TEC1
TEC0
CEC
07108h
REC7
REC6
REC5
REC4
REC3
REC2
REC1
REC0
CEC
07109h
—
—
MIF5
MIF4
MIF3
MIF2
MIF1
MIF0
CAN IFR
07109h
—
RMLIF
AAIF
WDIF
WUIF
BOIF
EPIF
WLIF
CAN_IFR
0710Ah
MIL
—
MIM5
MIM4
MIM3
MIM2
MIM1
MIM0
CAN IMR
0710Ah
EIL
RMLIM
AAIM
WDIM
WUIM
BOIM
EPIM
WLIM
CAN_IMR
0710Bh
LAMI
—
—
LAM0−28
LAM0−27
LAM0−26
LAM0−25
LAM0−24
LAM0 H
0710Bh
LAM0−23
LAM0−22
LAM0−21
LAM0−20
LAM0−19
LAM0−18
LAM0−17
LAM0−16
LAM0_H
0710Ch
LAM0−15
LAM0−14
LAM0−13
LAM0−12
LAM0−11
LAM0−10
LAM0−9
LAM0−8
LAM0 L
0710Ch
LAM0−7
LAM0−6
LAM0−5
LAM0−4
LAM0−3
LAM0−2
LAM0−1
LAM0−0
LAM0_L
0710Dh
LAMI
—
—
LAM1−28
LAM1−27
LAM1−26
LAM1−25
LAM1−24
LAM1 H
0710Dh
LAM1−23
LAM1−22
LAM1−21
LAM1−20
LAM1−19
LAM1−18
LAM1−17
LAM1−16
LAM1_H
0710Eh
LAM1−15
LAM1−14
LAM1−13
LAM1−12
LAM1−11
LAM1−10
LAM1−9
LAM1−8
LAM1 L
0710Eh
LAM1−7
LAM1−6
LAM1−5
LAM1−4
LAM1−3
LAM1−2
LAM1−1
LAM1−0
LAM1_L
0710Fh
to
071FFh
Illegal
Message Object #0
07200h
IDL−15
IDL−14
IDL−13
IDL−12
IDL−11
IDL−10
IDL−9
IDL−8
MSGID0L
07200h
IDL−7
IDL−6
IDL−5
IDL−4
IDL−3
IDL−2
IDL−1
IDL−0
MSGID0L
07201h
IDE
AME
AAM
IDH−28
IDH−27
IDH−26
IDH−25
IDH−24
MSGID0H
07201h
IDH−23
IDH−22
IDH−21
IDH−20
IDH−19
IDH−18
IDH−17
IDH−16
MSGID0H
07202h
—
—
—
—
—
—
—
—
MSGCTRL0
07202h
—
—
—
RTR
DLC3
DLC2
DLC1
DLC0
MSGCTRL0
07203h
Reserved
07204h
D15
D14
D13
D12
D11
D10
D9
D8
MBX0A
07204h
D7
D6
D5
D4
D3
D2
D1
D0
MBX0A
07205h
D15
D14
D13
D12
D11
D10
D9
D8
MBX0B
07205h
D7
D6
D5
D4
D3
D2
D1
D0
MBX0B
07206h
D15
D14
D13
D12
D11
D10
D9
D8
MBX0C
07206h
D7
D6
D5
D4
D3
D2
D1
D0
MBX0C
07207h
D15
D14
D13
D12
D11
D10
D9
D8
MBX0D
07207h
D7
D6
D5
D4
D3
D2
D1
D0
MBX0D
Indicates change with respect to the F243/F241 C242 device register maps
Indicates change with respect to the F243/F241, C242 device register maps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com