Electronic Components Datasheet Search
  English  ▼

X  

TMX320LC2403AVFS Datasheet(PDF) 120 Page - Texas Instruments

Part # TMX320LC2403AVFS
Description  DSP CONTROLLERS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMX320LC2403AVFS Datasheet(HTML) 120 Page - Texas Instruments

Back Button TMX320LC2403AVFS Datasheet HTML 116Page - Texas Instruments TMX320LC2403AVFS Datasheet HTML 117Page - Texas Instruments TMX320LC2403AVFS Datasheet HTML 118Page - Texas Instruments TMX320LC2403AVFS Datasheet HTML 119Page - Texas Instruments TMX320LC2403AVFS Datasheet HTML 120Page - Texas Instruments TMX320LC2403AVFS Datasheet HTML 121Page - Texas Instruments TMX320LC2403AVFS Datasheet HTML 122Page - Texas Instruments TMX320LC2403AVFS Datasheet HTML 123Page - Texas Instruments TMX320LC2403AVFS Datasheet HTML 124Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 134 page
background image
TMS320LF2407A,TMS320LF2406A, TMS320LF2403A, TMS320LF2402A
TMS320LC2406A, TMS320LC2404A, TMS320LC2403A, TMS320LC2402A
DSP CONTROLLERS
SPRS145K − JULY 2000 − REVISED AUGUST 2005
120
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
peripheral register descriptions (continued)
Table 19. LF240xA/LC240xA DSP Peripheral Register Description (Continued)
ADDR
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
REG
ADDR
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
REG
CONTROLLER AREA NETWORK (CAN) CONFIGURATION CONTROL REGISTERS (CONTINUED)
0721Dh
D15
D14
D13
D12
D11
D10
D9
D8
MBX3B
0721Dh
D7
D6
D5
D4
D3
D2
D1
D0
MBX3B
0721Eh
D15
D14
D13
D12
D11
D10
D9
D8
MBX3C
0721Eh
D7
D6
D5
D4
D3
D2
D1
D0
MBX3C
0721Fh
D15
D14
D13
D12
D11
D10
D9
D8
MBX3D
0721Fh
D7
D6
D5
D4
D3
D2
D1
D0
MBX3D
Message Object #4
07220h
IDL−15
IDL−14
IDL−13
IDL−12
IDL−11
IDL−10
IDL−9
IDL−8
MSGID4L
07220h
IDL−7
IDL−6
IDL−5
IDL−4
IDL−3
IDL−2
IDL−1
IDL−0
MSGID4L
07221h
IDE
AME
AAM
IDH−28
IDH−27
IDH−26
IDH−25
IDH−24
MSGID4H
07221h
IDH−23
IDH−22
IDH−21
IDH−20
IDH−19
IDH−18
IDH−17
IDH−16
MSGID4H
07222h
—
—
—
—
—
—
—
—
MSGCTRL4
07222h
—
—
—
RTR
DLC3
DLC2
DLC1
DLC0
MSGCTRL4
07223h
Reserved
07224h
D15
D14
D13
D12
D11
D10
D9
D8
MBX4A
07224h
D7
D6
D5
D4
D3
D2
D1
D0
MBX4A
07225h
D15
D14
D13
D12
D11
D10
D9
D8
MBX4B
07225h
D7
D6
D5
D4
D3
D2
D1
D0
MBX4B
07226h
D15
D14
D13
D12
D11
D10
D9
D8
MBX4C
07226h
D7
D6
D5
D4
D3
D2
D1
D0
MBX4C
07227h
D15
D14
D13
D12
D11
D10
D9
D8
MBX4D
07227h
D7
D6
D5
D4
D3
D2
D1
D0
MBX4D
Message Object #5
07228h
IDL−15
IDL−14
IDL−13
IDL−12
IDL−11
IDL−10
IDL−9
IDL−8
MSGID5L
07228h
IDL−7
IDL−6
IDL−5
IDL−4
IDL−3
IDL−2
IDL−1
IDL−0
MSGID5L
07229h
IDE
AME
AAM
IDH−28
IDH−27
IDH−26
IDH−25
IDH−24
MSGID5H
07229h
IDH−23
IDH−22
IDH−21
IDH−20
IDH−19
IDH−18
IDH−17
IDH−16
MSGID5H
0722Ah
—
—
—
—
—
—
—
—
MSGCTRL5
0722Ah
—
—
—
RTR
DLC3
DLC2
DLC1
DLC0
MSGCTRL5
0722Bh
Reserved
0722Ch
D15
D14
D13
D12
D11
D10
D9
D8
MBX5A
0722Ch
D7
D6
D5
D4
D3
D2
D1
D0
MBX5A
0722Dh
D15
D14
D13
D12
D11
D10
D9
D8
MBX5B
0722Dh
D7
D6
D5
D4
D3
D2
D1
D0
MBX5B
0722Eh
D15
D14
D13
D12
D11
D10
D9
D8
MBX5C
0722Eh
D7
D6
D5
D4
D3
D2
D1
D0
MBX5C
0722Fh
D15
D14
D13
D12
D11
D10
D9
D8
MBX5D
0722Fh
D7
D6
D5
D4
D3
D2
D1
D0
MBX5D
07230h
to
073FFh
Illegal
Indicates change with respect to the F243/F241 C242 device register maps
Indicates change with respect to the F243/F241, C242 device register maps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com