Electronic Components Datasheet Search
  English  ▼

X  

MSC1200 Datasheet(PDF) 49 Page - Texas Instruments

Part # MSC1200
Description  Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1200 Datasheet(HTML) 49 Page - Texas Instruments

Back Button MSC1200 Datasheet HTML 45Page - Texas Instruments MSC1200 Datasheet HTML 46Page - Texas Instruments MSC1200 Datasheet HTML 47Page - Texas Instruments MSC1200 Datasheet HTML 48Page - Texas Instruments MSC1200 Datasheet HTML 49Page - Texas Instruments MSC1200 Datasheet HTML 50Page - Texas Instruments MSC1200 Datasheet HTML 51Page - Texas Instruments MSC1200 Datasheet HTML 52Page - Texas Instruments MSC1200 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
MSC1200
49
SBAS289E
www.ti.com
ADC Control Register 0 (ADCON0)
7
6
5
4
3
2
1
0
Reset Value
SFR DCH
—
BOD
EVREF
VREFH
EBUF
PGA2
PGA1
PGA0
30H
BOD
Burnout Detect. When enabled this connects a positive current source to the positive channel and a negative current
bit 6
source to the negative channel. If the channel is open circuit then the ADC results will be full-scale (buffer must be enabled).
0 = Burnout Current Sources Off (default).
1 = Burnout Current Sources On.
EVREF
Enable Internal Voltage Reference. If an external voltage reference is used, the internal voltage reference should
bit 5
be disabled.
0 = Internal Voltage Reference Off.
1 = Internal Voltage Reference On (default).
VREFH
Voltage Reference High Select. The internal voltage reference can be selected to be 2.5V or 1.25V.
bit 4
0 = REFOUT/REFIN+ is 1.25V.
1 = REFOUT/REFIN+ is 2.5V (default).
EBUF
Enable Buffer. Enable the input buffer to provide higher input impedance but limits the input voltage range and
bit 3
dissipates more power.
0 = Buffer disabled (default).
1 = Buffer enabled.
PGA2-0
Programmable Gain Amplifier. Sets the gain for the PGA from 1 to 128.
bits 2-0
PGA2
PGA1
PGA0
GAIN
0
0
0
1 (default)
00
1
2
01
0
4
01
1
8
10
0
16
10
1
32
11
0
64
1
1
1
128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com