Electronic Components Datasheet Search
  English  ▼

X  

MSC1200 Datasheet(PDF) 8 Page - Texas Instruments

Part # MSC1200
Description  Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1200 Datasheet(HTML) 8 Page - Texas Instruments

Back Button MSC1200 Datasheet HTML 4Page - Texas Instruments MSC1200 Datasheet HTML 5Page - Texas Instruments MSC1200 Datasheet HTML 6Page - Texas Instruments MSC1200 Datasheet HTML 7Page - Texas Instruments MSC1200 Datasheet HTML 8Page - Texas Instruments MSC1200 Datasheet HTML 9Page - Texas Instruments MSC1200 Datasheet HTML 10Page - Texas Instruments MSC1200 Datasheet HTML 11Page - Texas Instruments MSC1200 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
MSC1200
8
SBAS289E
www.ti.com
PIN #
NAME
DESCRIPTION
1,6,7,16,25,47
NC
No Connection
2
XIN
The crystal oscillator pin XIN supports parallel resonant AT cut fundamental frequency crystals and ceramic resonators.
XIN can also be an input if there is an external clock source instead of a crystal.
3
XOUT
The crystal oscillator pin XOUT supports parallel resonant AT cut fundamental frequency crystals and ceramic resonators.
XOUT serves as the output of the crystal amplifier.
4, 33, 34, 48
DGND
Digital Ground
5
RST
A HIGH on the reset input for two tOSC periods will reset the device.
8
CAP
Capacitor (220pF ceramic)
9AVDD
Analog Power Supply
10, 11
AGND
Analog Ground
12
AINCOM
Analog Input (can be analog common for single-ended inputs or analog input for differential inputs)
13
IDAC
IDAC Output
14
REFOUT/REF IN+
Internal Voltage Reference Output/Voltage Reference Positive Input
15
REF IN–
Voltage Reference Negative Input (tie to AGND for internal voltage reference)
17
AIN7
Analog Input Channel 7
18
AIN6
Analog Input Channel 6
19
AIN5
Analog Input Channel 5
20
AIN4
Analog Input Channel 4
21
AIN3
Analog Input Channel 3
22
AIN2
Analog Input Channel 2
23
AIN1
Analog Input Channel 1
24
AIN0
Analog Input Channel 0
26-32, 37
P1.0-P1.7
Port 1 is a bidirectional I/O port (refer to P1DDRL, SFR AEH, and P1DDRH, SFR AFH, for port pin configuration control).
Port 1—Alternate Functions:
PIN DESCRIPTIONS
38-45
P3.0-P3.7
Port 3 is a bidirectional I/O port (refer to P3DDRL, SFR B3H, and P3DDRH, SFR B4H, for port pin configuration control).
Port 3—Alternate Functions:
35, 36, 46
DVDD
Digital Power Supply
PORT
ALTERNATE
MODE
P3.0
RxD0
Serial Port 0 Input
P3.1
TxD0
Serial Port 0 Output
P3.2
INT0
External Interrupt 0
P3.3
INT1
External Interrupt 1
P3.4
T0
Timer 0 External Input
P3.5
T1
Timer 1 External Input
P3.6
SCK/SCL/CLKS
SCK/SCL/Various Clocks (refer to PASEL, SFR F2H)
P3.7
N/A
PORT
ALTERNATE
MODE
P1.0
PROG
Serial Programming Mode
P1.1
N/A
P1.2
DOUT
Serial Data Out
P1.3
DIN
Serial Data In
P1.4
INT2/SS
External Interrupt 2/Slave Select
P1.5
INT3
External Interrupt 3
P1.6
INT4
External Interrupt 4
P1.7
INT5
External Interrupt 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com