Electronic Components Datasheet Search
  English  ▼

X  

MSC1200 Datasheet(PDF) 17 Page - Texas Instruments

Part # MSC1200
Description  Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1200 Datasheet(HTML) 17 Page - Texas Instruments

Back Button MSC1200 Datasheet HTML 13Page - Texas Instruments MSC1200 Datasheet HTML 14Page - Texas Instruments MSC1200 Datasheet HTML 15Page - Texas Instruments MSC1200 Datasheet HTML 16Page - Texas Instruments MSC1200 Datasheet HTML 17Page - Texas Instruments MSC1200 Datasheet HTML 18Page - Texas Instruments MSC1200 Datasheet HTML 19Page - Texas Instruments MSC1200 Datasheet HTML 20Page - Texas Instruments MSC1200 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
MSC1200
17
SBAS289E
www.ti.com
FIGURE 6. Input Multiplexer Configuration.
FIGURE 7. Analog Input Structure (without buffer).
INPUT MULTIPLEXER
The input multiplexer provides for any combination of differential
inputs to be selected as the input channel, as shown in Figure 6.
If AIN0 is selected as the positive differential input channel, any
other channel can be selected as the negative differential input
channel. With this method, it is possible to have up to eight fully
differential input channels. It is also possible to switch the polarity
of the differential input pair to negate any offset voltages.
In addition, current sources are supplied that will source or
sink current to detect open or short circuits on the pins.
TEMPERATURE SENSOR
On-chip diodes provide temperature sensing capability. When
the configuration register for the input MUX is set to all 1s,
the diodes are connected to the input of the ADC. All other
channels are open.
BURNOUT DETECT
When the Burnout Detect (BOD) bit is set in the ADC control
configuration register (ADCON0 DCH), two current sources are
enabled. The current source on the positive input channel sources
approximately 2
µA of current. The current source on the negative
input channel sinks approximately 2
µA. This allows for the
detection of an open circuit (full-scale reading) or short circuit
(small differential reading) on the selected input differential pair.
Enabling the buffer is recommended when BOD is enabled.
INPUT BUFFER
The analog input impedance is always high, regardless of
PGA setting (when the buffer is enabled). With the buffer
enabled, the input voltage range is reduced and the analog
power-supply current is higher. If the limitation of input
voltage range is acceptable, then the buffer is always pre-
ferred.
The input impedance of the MSC1200 without the buffer
is 7M
Ω/PGA. The buffer is controlled by the state of the BUF
bit in the ADC control register (ADCON0 DCH).
ANALOG INPUT
When the buffer is not selected, the input impedance of the
analog input changes with ACLK clock frequency (ACLK
F6H) and gain (PGA). The relationship is:
A
pedance
MHz
ACLK Frequency
M
PGA
IN Im
( )
Ω=


•
Ω


17
where ACLK frequency (fACLK) =
f
ACLK
CLK
+ 1
and fMOD =
f
ACLK
64
.
Figure 7 shows the basic input structure of the MSC1200.
R
SWITCH
(3k
Ω typical)
Sampling Frequency = f
SAMP
High Impedance
> 1G
Ω
C
S
AGND
A
IN
PGA
f
SAMP
1, 2, 4
f
MOD
82
× f
MOD
16
4
× f
MOD
32
8
× f
MOD
64, 128
16
× f
MOD
PGA
C
S
1
9pF
2
18pF
4 to 128
36pF
AIN3
AIN4
AIN5
AIN6
AIN0
AIN1
AIN2
AIN7
AINCOM
Burnout Detect (2
µA)
Burnout Detect (2
µA)
AGND
Buffer
Temperature Sensor
I
80 • I
AV
DD
AV
DD
AV
DD
In+
In–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com