Electronic Components Datasheet Search
  English  ▼

X  

MSC1200 Datasheet(PDF) 10 Page - Texas Instruments

Part # MSC1200
Description  Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1200 Datasheet(HTML) 10 Page - Texas Instruments

Back Button MSC1200 Datasheet HTML 6Page - Texas Instruments MSC1200 Datasheet HTML 7Page - Texas Instruments MSC1200 Datasheet HTML 8Page - Texas Instruments MSC1200 Datasheet HTML 9Page - Texas Instruments MSC1200 Datasheet HTML 10Page - Texas Instruments MSC1200 Datasheet HTML 11Page - Texas Instruments MSC1200 Datasheet HTML 12Page - Texas Instruments MSC1200 Datasheet HTML 13Page - Texas Instruments MSC1200 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
MSC1200
10
SBAS289E
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
AVDD = +5V, DVDD = +5V, fOSC = 8MHz, PGA = 1, fMOD = 15.625kHz, Bipolar, Buffer ON, and VREF ≡ (REF IN+) – (REF IN–) = +2.5V, unless otherwise specified.
22
21
20
19
18
17
16
15
14
13
12
FAST SETTLING FILTER
EFFECTIVE NUMBER OF BITS vs DECIMATION RATIO
0
500
1000
1500
2000
1500
Decimation Ratio =
f
MOD
f
DATA
Fast Settling Filter
EFFECTIVE NUMBER OF BITS vs f
MOD
(set with ACLK)
25
20
15
10
5
0
Data Rate (SPS)
1
10
100
1k
10k
100k
f
MOD = 15.6kHz
f
MOD = 62.5kHz
f
MOD = 203kHz
f
MOD = 110kHz
f
MOD = 31.25kHz
EFFECTIVE NUMBER OF BITS vs f
MOD (set with ACLK)
WITH FIXED DECIMATION
25
20
15
10
5
0
Data Rate (SPS)
10
100
1k
10k
100k
DEC = 2020
DEC = 255
DEC = 500
DEC = 50
DEC = 20
DEC = 10
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
NOISE vs INPUT SIGNAL
V
IN (V)
–2.5
–1.5
0.5
–0.5
1.5
2.5
10
8
6
4
2
0
−2
−4
−6
−8
−10
INTEGRAL NONLINEARITY vs INPUT SIGNAL
V
IN (V)
−2.5 −2.0
−1.0 −0.5
−1.5
0
0.5
1.0
1.5
2.0
2.5
–40
°C
+25
°C
V
REF = 2.5V
+85
°C
15
10
5
0
−5
−10
−15
INTEGRAL NONLINEARITY vs INPUT SIGNAL
V
IN (V)
V
IN = −VREF
0V
IN = +VREF
V
REF = AVDD = 5V
Buffer OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com