Electronic Components Datasheet Search
  English  ▼

X  

MSC1200 Datasheet(PDF) 27 Page - Texas Instruments

Part # MSC1200
Description  Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1200 Datasheet(HTML) 27 Page - Texas Instruments

Back Button MSC1200 Datasheet HTML 23Page - Texas Instruments MSC1200 Datasheet HTML 24Page - Texas Instruments MSC1200 Datasheet HTML 25Page - Texas Instruments MSC1200 Datasheet HTML 26Page - Texas Instruments MSC1200 Datasheet HTML 27Page - Texas Instruments MSC1200 Datasheet HTML 28Page - Texas Instruments MSC1200 Datasheet HTML 29Page - Texas Instruments MSC1200 Datasheet HTML 30Page - Texas Instruments MSC1200 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 60 page
background image
MSC1200
27
SBAS289E
www.ti.com
Serial Flash Programming Mode
Two methods of programming are available: serial program-
ming mode and user application mode. Serial programming
mode is initiated by holding the P1.0/PROG pin low during
POR, as shown in Figure 21. User Application mode also
allows for Flash programming. Code execution from Flash
Memory cannot occur in this mode while programming, but
code execution can occur from Boot ROM while programming.
INTERRUPT
INTERRUPT/EVENT
ADDR
NUM
PRIORITY
FLAG
ENABLE
CONTROL
HIGH
AVDD Low Voltage Detect
33H
6
0
ALVDIP (AIPOL.1)(1)
EALV (AIE.1)(1)
N/A
Count (SPI / I2C)
33H
6
0
CNTIP (AIPOL.2)(1)
ECNT (AIE.2)(1)
N/A
I2C Start/Stop
33H
6
0
I2CIP (AIPOL.3)(1)
EI2C (AIE.3)(1)
N/A
Milliseconds Timer
33H
6
0
MSECIP (AAIPOLIE.4)(1)
EMSEC (AIE.4)(1)
N/A
ADC
33H
6
0
ADCIP (AIPOL.5)(1)
EADC (AIE .5)(1)
N/A
Summation Register
33H
6
0
SUMIP (AIPOL.6)(1)
ESUM (AIE.6)(1)
N/A
Seconds Timer
33H
6
0
SECIP (AIPOL.7)(1)
ESEC (AIE.7)(1)
N/A
External Interrupt 0
03H
0
1
IE0 (TCON.1)(2)
EX0 (IE.0)(4)
PX0 (IP.0)
Timer 0 Overflow
0BH
1
2
TF0 (TCON.5)(3)
ET0 (IE.1)(4)
PT0 (IP.1)
External Interrupt 1
13H
2
3
IE1 (TCON.3)(2)
EX1 (IE.2)(4)
PX1 (IP.2)
Timer 1 Overflow
1BH
3
4
TF1 (TCON.7)(3)
ET1 (IE.3)(4)
PT1 (IP.3)
Serial Port 0
23H
4
5
RI_0 (SCON0.0)
ES0 (IE.4)(4)
PS0 (IP.4)
TI_0 (SCON0.1)
External Interrupt 2
43H
8
6
IE2 (EXIF.4)
EX2 (EIE.0)(4)
PX2 (EIP.0)
External Interrupt 3
4BH
9
7
IE3 (EXIF.5)
EX3 (EIE.1)(4)
PX3 (EIP.1)
External Interrupt 4
53H
10
8
IE4 (EXIF.6)
EX4 (EIE.2)(4)
PX4 (EIP.2)
External Interrupt 5
5BH
11
9
IE5 (EXIF.7)
EX5 (EIE.3)(4)
PX5 (EIP.3)
Watchdog
63H
12
10
WDTI (EICON.3)
EWDI (EIE.4)(4)
PWDI (EIP.4)
LOW
NOTES: (1) These interrupts set the AI flag (EICON.4) and are enabled by EAI (EICON.5). (2) If edge triggered, cleared automatically by hardware when the
service routine is vectored to. If level triggered, the flag follows the state of the pin. (3) Cleared automatically by hardware when interrupt vector occurs.
(4) Globally enabled by EA (IE.7).
TABLE VII. Interrupt Summary.
INTERRUPT
INTERRUPTS
The MSC1200 uses a three-priority interrupt system. As
shown in Table VII, each interrupt source has an indepen-
dent priority bit, flag, interrupt vector, and enable (except that
nine interrupts share the Auxiliary Interrupt (AI) at the highest
priority). In addition, interrupts can be globally enabled or
disabled. The interrupt structure is compatible with the origi-
nal 8051 family. All of the standard interrupts are available.
HARDWARE CONFIGURATION MEMORY
The 64 configuration bytes can only be written during the
program mode. The bytes are accessed through SFR regis-
ters CADDR (SFR 93H) and CDATA (SFR 94H). Three of the
configuration bytes control Flash partitioning and system
control. If the security bit is set, these bits cannot be changed
except with a Mass Erase command that erases all of the
Flash Memory including the 64 configuration bytes.
FIGURE 21. Serial Programming Mode.
MSC1200
Programmer
P3.0/RxD0
P3.1/TxD0
P1.0/PROG
NOTE: For user application mode, avoid heavy loading on
P1.0/PROG, which may result in erroneously entering serial
programming mode on power-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com