Electronic Components Datasheet Search
  English  ▼

X  

OPA690 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA690
Description  Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA690 Datasheet(HTML) 5 Page - Texas Instruments

  OPA690 Datasheet HTML 1Page - Texas Instruments OPA690 Datasheet HTML 2Page - Texas Instruments OPA690 Datasheet HTML 3Page - Texas Instruments OPA690 Datasheet HTML 4Page - Texas Instruments OPA690 Datasheet HTML 5Page - Texas Instruments OPA690 Datasheet HTML 6Page - Texas Instruments OPA690 Datasheet HTML 7Page - Texas Instruments OPA690 Datasheet HTML 8Page - Texas Instruments OPA690 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
OPA2613
SBOS249D − JUNE 2003− REVISED APRIL 2004
www.ti.com
5
ELECTRICAL CHARACTERISTICS: VS = +5V
Boldface limits are tested at +25
°C.
RF = 402Ω, RL = 100Ω, and G = +2, unless otherwise noted. See Figure 3 for AC performance only.
OPA2613ID, OPA2613IDTJ
TYP
MIN/MAX OVER TEMPERATURE
TEST
PARAMETER
TEST CONDITIONS
+25
°C
+25
°C(1)
0
°C to
+70
°C(2)
−40
°C to
+85
°C(2)
UNITS
MIN/
MAX
TEST
LEVEL
(3)
AC Performance (see Figure 3)
Small-Signal Bandwidth
G = +1, VO = 0.1VPP, RF = 0Ω
230
MHz
typ
C
Small-Signal Bandwidth
G = +2, VO = 0.1VPP
105
75
69
68
MHz
min
B
G = +10, VO = 0.1VPP
12
10
8
8
MHz
min
B
Gain-Bandwidth Product
G
≥ 20
118
93
78
76
MHz
min
B
Bandwidth for 0.1dB Gain Flatness
G = +2, VO < 0.1VPP
5
MHz
typ
C
Peaking at a Gain of +1
VO < 0.1VPP
2.6
dB
typ
C
Large-Signal Bandwidth
G = +2, VO = 2VPP
21
MHz
typ
C
Slew Rate
G = +2, 2V step
60
47
46
46
V/
µs
min
B
Rise-and-Fall Time
G = +2, VO = 0.2V Step
3.8
5.0
5.6
5.7
ns
typ
B
Settling Time to 0.02%
G = +2, VO = 2V Step
63
78
80
81
ns
typ
B
0.1%
G = +2, VO = 2V Step
52
62
64
64
ns
typ
B
Harmonic Distortion
G = +2, f = 1MHz, VO = 2VPP
2nd-Harmonic
RL = 20Ω to VS/2
−67
−60
−58
−57
dBc
max
B
RL ≥ 500Ω to VS/2
−82
−79
−77
−76
dBc
max
B
3rd-Harmonic
RL = 20Ω to VS/2
−84
−78
−76
−75
dBc
max
B
RL ≥ 500Ω to VS/2
−94
−89
−87
−86
dBc
max
B
Input Voltage Noise
f > 10kHz
1.9
2.1
2.2
2.4
nV/
√Hz
max
B
Input Current Noise
f > 10kHz
1.7
2.1
2.2
2.4
pA/
√Hz
max
B
Channel
-to-Channel Crosstalk
f = 1MHz, Input Referred
−80
dBc
typ
C
DC Performance(4)
Open-Loop Gain (AOL)
VO = 0V, RL = 100Ω
95
91
89
88
dB
min
A
Input Offset Voltage
VCM = 0V
±0.2
±1.0
±1.15
±1.2
mV
max
A
Average Offset Voltage Drift
VCM = 0V
±3.3
±3.3
µV/°C
max
B
Input Bias Current
VCM = 0V
−6
−11
−12
−13.5
µA
max
A
Average Bias Current Drift (Magnitude)
VCM = 0V
−35
−35
nA/
°C
max
B
Input Offset Current
VCM = 0V
±50
±300
±520
±750
nA
max
A
Average Offset Bias Current Drift
VCM = 0V
±5
±7
nA/
°C
max
B
Input
Least Positive Input Voltage
1.2
1.4
1.4
1.5
V
max
A
Most Positive Input Voltage
3.8
3.6
3.6
3.5
V
min
A
Common-Mode Rejection Ratio (CMRR)
VCM = ±1V
95
85
84
83
dB
min
A
Input Impedance
A
Differential-Mode
VCM = 0
15
 1
k
Ω pF
typ
C
Common-Mode
VCM = 0
5
 1.3
M
Ω pF
typ
C
Output
Most Positive Output Voltage
No Load
4.0
3.85
3.8
3.75
V
min
A
Most Positive Output Voltage
100
Ω Load to 2.5V
3.95
3.8
3.75
3.7
V
min
A
Least Positive Output Voltage
No Load
1.0
1.15
1.2
1.25
V
min
A
Least Positive Output Voltage
100
Ω Load to 2.5V
1.05
1.20
1.25
1.3
V
min
A
Current Output, Sourcing
VO = 0, Linear Operation
+300
mA
typ
C
Current Output, Sinking
VO = 0, Linear Operation
−300
mA
typ
C
Short-Circuit Current
Output Shorted to Mid-Supply
±400
mA
typ
C
Closed-Loop Output Impedance
G = +2, f = 100kHz
0.01
Ω
typ
C
(1) Junction temperature = ambient for +25°C tested specifications.
(2) Junction temperature = ambient at low temperature limit; junction temperature = ambient +23°C at high temperature limit for over temperature
tested specifications.
(3) Test levels: (A) 100% tested at +25°C. Over temperature limits by characterization and simulation. (B) Limits set by characterization and
simulation. (C) Typical value only for information.
(4) Current is considered positive-out-of-node. VCM is the input common-mode voltage.
(5) Tested < 3dB below minimum CMRR specification at ± CMIR limits.
(6) Heat slug soldered to heat spreading plane. This plane should be electrically floating or at VS− voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com