Electronic Components Datasheet Search
  English  ▼

X  

OPA690 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # OPA690
Description  Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA690 Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA690 Datasheet HTML 12Page - Texas Instruments OPA690 Datasheet HTML 13Page - Texas Instruments OPA690 Datasheet HTML 14Page - Texas Instruments OPA690 Datasheet HTML 15Page - Texas Instruments OPA690 Datasheet HTML 16Page - Texas Instruments OPA690 Datasheet HTML 17Page - Texas Instruments OPA690 Datasheet HTML 18Page - Texas Instruments OPA690 Datasheet HTML 19Page - Texas Instruments OPA690 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
OPA2613
SBOS249D − JUNE 2003− REVISED APRIL 2004
www.ti.com
16
APPLICATION INFORMATION
WIDEBAND VOLTAGE-FEEDBACK OPERATION
The OPA2613 gives the exceptional AC performance of a
wideband voltage-feedback op amp with a highly linear,
high-power
output
stage.
Requiring
only
6mA/ch
quiescent current, the OPA2613 swings to within 1.0V of
either supply rail and delivers in excess of 280mA at room
temperature. This low-output headroom requirement,
along with supply voltage independent biasing, gives
remarkable single (+5V) supply operation. The OPA2613
delivers greater than 20MHz bandwidth driving a 2VPP
output into 100
Ω on a single +5V supply. Previous boosted
output stage amplifiers typically suffer from very poor
crossover distortion as the output current goes through
zero. The OPA2613 achieves exceptional power gain with
much better linearity. Figure 1 shows the DC-coupled,
gain of +2, dual power-supply circuit configuration used as
the basis of the
±6V Electrical and Typical Characteristics.
For test purposes, the input impedance is set to 50
Ω with
a resistor to ground; and the output impedance is set to
50
Ω with a series output resistor. Voltage swings reported
in the electrical characteristics are taken directly at the
input and output pins, whereas load powers (dBm) are
defined at a matched 50
Ω load. For the circuit of Figure 1,
the total effective load is 100
Ω || 804Ω = 89Ω.
1/2
OPA2613
+6V
+
−6V
50
ΩLoad
50
Ω
50
Ω
V
O
V
I
50
ΩSource
R
G
402
Ω
R
F
402
Ω
6.8
µF
0.1
µF6.8µF
0.1
µF
+V
S
−V
S
Figure 1. DC-Coupled, G = +2, Bipolar Supply,
Specification and Test Circuit
Figure 2 shows the DC-coupled, bipolar supply circuit
configuration used as the basis for the Inverting Gain
−1V/V Typical Characteristics. Key design considerations
of the inverting configuration are developed in the Inverting
Amplifier Operation section.
1/2
OPA2613
+5V
−5V
50
ΩLoad
50
Ω
V
O
V
I
50
Ω
Source
R
M
57.6
Ω
RF
402
Ω
RF
402
Ω
Power−Supply
decoupling
not shown.
208
Ω
Figure 2. DC-Coupled, G = −1, Bipolar Supply,
Specification and Test Circuit
Figure 3 shows the AC-coupled, gain of +2, single-supply
circuit configuration used as the basis of the +5V Electrical
and Typical Characteristics. Though not a “rail-to-rail”
design, the OPA2613 requires minimal input and output
voltage headroom compared to other very wideband
voltage-feedback op amps. It will deliver a 2.6VPP output
swing on a single +5V supply with greater than 20MHz
bandwidth. The key requirement of broadband single-
supply operation is to maintain input and output signal
swings within the usable voltage ranges at both the input
and the output. The circuit of Figure 3 establishes an input
midpoint bias using a simple resistive divider from the +5V
supply (two 806
Ω resistors). The input signal is then
AC-coupled into this midpoint voltage bias. The input
voltage can swing to within 1.4V of either supply pin, giving
a 2.2VPP input signal range centered between the supply
pins. The input impedance matching resistor (57.6
Ω) used
for testing is adjusted to give a 50
Ω input match when the
parallel combination of the biasing divider network is
included. The gain resistor (RG) is AC-coupled, giving the
circuit a DC gain of +1
which puts the input DC bias
voltage (2.5V) on the output as well. Again, on a single +5V
supply, the output voltage can swing to within 1.1V of either
supply pin while delivering more than 100mA output
current. A demanding 100
Ω load to a midpoint bias is used
in this characterization circuit. The new output stage used
in the OPA2613 can deliver large bipolar output currents
into this midpoint load with minimal crossover distortion,
as shown by the +5V supply, harmonic distortion plots.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com