Electronic Components Datasheet Search
  English  ▼

X  

OPA690 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA690
Description  Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA690 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA690 Datasheet HTML 6Page - Texas Instruments OPA690 Datasheet HTML 7Page - Texas Instruments OPA690 Datasheet HTML 8Page - Texas Instruments OPA690 Datasheet HTML 9Page - Texas Instruments OPA690 Datasheet HTML 10Page - Texas Instruments OPA690 Datasheet HTML 11Page - Texas Instruments OPA690 Datasheet HTML 12Page - Texas Instruments OPA690 Datasheet HTML 13Page - Texas Instruments OPA690 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
OPA2613
SBOS249D − JUNE 2003− REVISED APRIL 2004
www.ti.com
10
TYPICAL CHARACTERISTICS: VS = ±6V (continued)
At TA = +25°C, G = +2, RF = 402Ω, and RL = 100Ω, unless otherwise noted.
CMRR AND PSRR vs FREQUENCY
Frequency (Hz)
100
120
100
80
60
40
20
0
1k
10k
100k
1M
10M
100M
CMRR
−PSRR
+PSRR
OPEN−LOOP GAIN AND PHASE
Frequency (Hz)
100
1k
10k
100k
1M
10M
100M
1G
120
100
80
60
40
20
0
−20
0
−30
−60
−90
−120
−150
−180
−210
∠ A
OL
20 log (A
OL)
CLOSED−LOOP OUTPUT IMPEDANCE
vs FREQUENCY
Frequency (Hz)
10k
100k
1M
10M
100M
100
10
1
0.1
0.01
0.001
0.0001
VIDEO DIFFERENTIAL GAIN/DIFFERENTIAL PHASE
Video Loads
123
456
7
8
9
10
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0
0.28
0.24
0.20
0.16
0.12
0.08
0.04
0
G= +2
V
S = ± 5V
d
φ, Negative Video
dG
, Positive Video
d
φ, Positive Video
dG, Negative Video
10
8
6
4
2
0
−2
−4
−6
−8
−10
NONINVERTING OVERDRIVE RECOVERY
Time (100ns/div)
5
4
3
2
1
0
−1
−2
−3
−4
−5
Output
G= +2
R
L =100Ω
See Figure 1
Input
8
6
4
2
0
−2
−4
−6
−8
8
6
4
2
0
−2
−4
−6
−8
INVERTING OVERDRIVE RECOVERY
Time (100ns/div)
Input
Output
SeeFigure2
G=
−1
RL =100Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com