Electronic Components Datasheet Search
  English  ▼

X  

AD7873ACP Datasheet(PDF) 7 Page - Analog Devices

Part # AD7873ACP
Description  Touch Screen Digitizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7873ACP Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7873ACP Datasheet HTML 3Page - Analog Devices AD7873ACP Datasheet HTML 4Page - Analog Devices AD7873ACP Datasheet HTML 5Page - Analog Devices AD7873ACP Datasheet HTML 6Page - Analog Devices AD7873ACP Datasheet HTML 7Page - Analog Devices AD7873ACP Datasheet HTML 8Page - Analog Devices AD7873ACP Datasheet HTML 9Page - Analog Devices AD7873ACP Datasheet HTML 10Page - Analog Devices AD7873ACP Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AD7873
Rev. D | Page 7 of 28
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
AD7873
TOP VIEW
(Not to Scale)
1
2
3
4
12
11
10
9
16 15 14 13
56
7
8
PIN 1
INDICATOR
AUX
VREF
+VCC
PENIRQ
Y+
X+
+VCC
DCLK
Figure 3. LFCSP Pin Configuration
1
2
3
4
5
6
7
10
8
9
11
12
13
14
15
16
AD7873
TOP VIEW
(Not to Scale)
+VCC
X+
Y+
X–
Y–
GND
VBAT
AUX
DCLK
CS
DIN
BUSY
DOUT
PENIRQ
+VCC
VREF
Figure 4.QSOP/TSSOP Pin Configuration
Table 4. Pin Function Descriptions
Mnemonic
Function
+VCC
Power Supply Input. The +VCC range for the AD7873 is from 2.2 V to 5.25 V. Both +VCC pins should be connected directly
together.
X+
X+ Position Input. ADC Input Channel 1.
Y+
Y+ Position Input. ADC Input Channel 2.
X–
X– Position Input.
Y–
Y– Position Input. ADC Input Channel 3.
GND
Analog Ground. Ground reference point for all circuitry on the AD7873. All analog input signals and any external reference
signals should be referred to this GND voltage.
VBAT
Battery Monitor Input. ADC Input Channel 4.
AUX
Auxiliary Input. ADC Input Channel 5.
VREF
Reference Output for the AD7873. Alternatively an external reference can be applied to this input. The voltage range for the
external reference is 1.0 V to +VCC. For specified performance, it is 2.5 V on the AD7873. The internal 2.5 V reference is
available on this pin for use external to the device. The reference output must be buffered before it is applied elsewhere in a
system. A 0.1 µF capacitor is recommended between this pin and GND to reduce system noise effects.
PENIRQ
Pen Interrupt. CMOS logic open drain output (requires 10 kΩ to 100 kΩ pull-up resistor externally).
DOUT
Data Out. Logic Output. The conversion result from the AD7873 is provided on this output as a serial data stream. The bits are
clocked out on the falling edge of the DCLK input. This output is high impedance when CS is high.
BUSY
BUSY Output. Logic Output. This output is high impedance when CS is high.
DIN
Data In. Logic Input. Data to be written to the AD7873 control register is provided on this input and is clocked into the
register on the rising edge of DCLK (see the Control Register section).
CS
Chip Select Input. Active Low Logic Input. This input provides the dual function of initiating conversions on the AD7873 and
enabling the serial input/output register.
DCLK
External Clock Input. Logic Input. DCLK provides the serial clock for accessing data from the part. This clock input is also used
as the clock source for the AD7873 conversion process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com