Electronic Components Datasheet Search
  English  ▼

X  

AD7873ACP Datasheet(PDF) 8 Page - Analog Devices

Part # AD7873ACP
Description  Touch Screen Digitizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7873ACP Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7873ACP Datasheet HTML 4Page - Analog Devices AD7873ACP Datasheet HTML 5Page - Analog Devices AD7873ACP Datasheet HTML 6Page - Analog Devices AD7873ACP Datasheet HTML 7Page - Analog Devices AD7873ACP Datasheet HTML 8Page - Analog Devices AD7873ACP Datasheet HTML 9Page - Analog Devices AD7873ACP Datasheet HTML 10Page - Analog Devices AD7873ACP Datasheet HTML 11Page - Analog Devices AD7873ACP Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD7873
Rev. D | Page 8 of 28
TERMINOLOGY
Integral Nonlinearity
This is the maximum deviation from a straight line passing
through the endpoints of the ADC transfer function. The
endpoints of the transfer function are zero scale, a point 1 LSB
below the first code transition, and full scale, a point 1 LSB
above the last code transition.
Differential Nonlinearity
This is the difference between the measured and the ideal 1 LSB
change between any two adjacent codes in the ADC.
Offset Error
This is the deviation of the first code transition (00 . . . 000) to
(00 . . . 001) from the ideal, that is, AGND + 1 LSB.
Gain Error
This is the deviation of the last code transition (111 . . . 110) to
(111 . . . 111) from the ideal (that is, VREF – 1 LSB) after the offset
error is adjusted out.
Track-and-Hold Acquisition Time
The track-and-hold amplifier enters the acquisition phase on
the fifth falling edge of DCLK after the START bit has been
detected. Three DCLK cycles are allowed for the track-and-hold
acquisition time. The input signal is fully acquired to the 12-bit
level within this time even with the maximum specified DCLK
frequency. See the Analog Input section for more details.
On-Resistance
This is a measure of the ohmic resistance between the drain and
source of the switch drivers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com