Electronic Components Datasheet Search
  English  ▼

X  

AD7873ACP Datasheet(PDF) 16 Page - Analog Devices

Part # AD7873ACP
Description  Touch Screen Digitizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7873ACP Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7873ACP Datasheet HTML 12Page - Analog Devices AD7873ACP Datasheet HTML 13Page - Analog Devices AD7873ACP Datasheet HTML 14Page - Analog Devices AD7873ACP Datasheet HTML 15Page - Analog Devices AD7873ACP Datasheet HTML 16Page - Analog Devices AD7873ACP Datasheet HTML 17Page - Analog Devices AD7873ACP Datasheet HTML 18Page - Analog Devices AD7873ACP Datasheet HTML 19Page - Analog Devices AD7873ACP Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
AD7873
Rev. D | Page 16 of 28
supply the external touch screen can be turned off once the
acquisition is complete, resulting in a power savings. However,
the on-resistance of the Y drivers affects the input voltage that
can be acquired. The full touch screen resistance could be in the
order of 200 Ω to 900 Ω, depending on the manufacturer. Thus,
if the on-resistance of the switches is approximately 6 Ω, true
full-scale and zero-scale voltages cannot be acquired, regardless
of where the pen/stylus is on the touch screen. Note that the
minimum touch screen resistance recommended for use with
the AD7873 is approximately 70 Ω. In this mode of operation,
therefore, some voltage is likely to be lost across the internal
switches, and it is unlikely that the internal switch resistance
will track the resistance of the touch screen over temperature
and supply, providing an additional source of error.
+VCC
VREF
GND
Y+
Y–
X+
IN+
IN+
IN–
REF+
ADC CORE
REF–
Figure 28. Single-Ended Reference Mode (SER/DFR = 1)
The alternative to this situation is to set the SER/DFR bit low.
Again, making a Y coordinate measurement is considered, but
now the +REF and –REF nodes of the ADC are connected
directly to the Y+ and Y– pins. This means the analog-to-digital
conversion is ratiometric. The result of the conversion is always
a percentage of the external resistance, independent of how it
could change with respect to the on resistance of the internal
switches. Figure 29 shows the configuration for a ratiometric Y
coordinate measurement.
+VCC
GND
Y+
Y–
X+
IN+
IN+
IN–
REF+
ADC CORE
REF–
Figure 29. Differential Reference Mode (SER/DFR = 0)
The disadvantage of this mode of operation is that during both
the acquisition phase and conversion process, the external touch
screen must remain powered. This results in additional supply
current for the duration of the conversion.
MEASUREMENTS
Temperature Measurement
Two temperature measurement options are available on the
AD7873, the single conversion method and the differential
conversion method. Both methods are based on an on-chip
diode measurement.
In the single conversion method, a diode voltage is digitized and
recorded at a fixed calibration temperature. Any subsequent
polling of the diode provides an estimate of the ambient tem-
perature through extrapolation from the calibration temperature
diode result. This assumes a diode temperature drift of
approximately –2.1 mV/°C. This method provides a resolution
of approximately 0.3°C and a predicted accuracy of ±3°C.
The differential conversion method is a 2-point measurement.
The first measurement is performed with a fixed bias current
into a diode, and the second measurement is performed with a
fixed multiple of the bias current into the same diode. The
voltage difference in the diode readings is proportional to
absolute temperature and is given by the following formula:
(
)
( )
N
ln
q
T
VBE
×
=
∆
/
κ
where VBE represents the diode voltage, N is the bias current
multiple, k is Boltzmann’s constant and q is the electron charge.
This method provides more accurate absolute temperature
measurement of ± 2°C. However, the resolution is reduced to
approximately 1.6°C. Assuming a current multiple of 105
(which is typical for the AD7873) taking Boltzmann’s constant,
k = 1.38054 ×10–23 electrons volts/degrees Kelvin, the electron
charge q = 1.602189 × 10–19, then T, the ambient temperature in
degrees centigrade, would be calculated as follows:
(
)
( )
()
()
Κ
V
C
T
N
ln
q
V
T
N
ln
q
T
V
BE
BE
BE
273
10
49
.
2
/
/
3
−
∆
×
×
=
°
×
×
∆
=
×
=
∆
κ
κ
∆VBE is calculated from the difference in readings from the first
conversion and second conversion.
Figure 30 shows a block diagram of the temperature
measurement mode.
I
TEMP0
TEMP1
105*I
MUX
ADC
Figure 30. Block Diagram of Temperature Measurement Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com