Electronic Components Datasheet Search
  English  ▼

X  

AD7873ACP Datasheet(PDF) 14 Page - Analog Devices

Part # AD7873ACP
Description  Touch Screen Digitizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7873ACP Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7873ACP Datasheet HTML 10Page - Analog Devices AD7873ACP Datasheet HTML 11Page - Analog Devices AD7873ACP Datasheet HTML 12Page - Analog Devices AD7873ACP Datasheet HTML 13Page - Analog Devices AD7873ACP Datasheet HTML 14Page - Analog Devices AD7873ACP Datasheet HTML 15Page - Analog Devices AD7873ACP Datasheet HTML 16Page - Analog Devices AD7873ACP Datasheet HTML 17Page - Analog Devices AD7873ACP Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
AD7873
Rev. D | Page 14 of 28
ANALOG INPUT
Figure 26 shows an equivalent circuit of the analog input
structure of the AD7873, which contains a block diagram of the
input multiplexer, the differential input of the ADC, and the
differential reference.
Table 5 shows the multiplexer address corresponding to each
analog input, both for the SER/DFR bit in the control register
set high and low. The control bits are provided serially to the
device via the DIN pin. For more information on the control
register, see the Control Register section.
When the converter enters hold mode, the voltage difference
between the +IN and –IN inputs (see Figure 26) is captured on
the internal capacitor array. The input current on the analog
inputs depends on the conversion rate of the device. During the
sample period, the source must charge the internal sampling
capacitor (typically 37 pF). Once the capacitor is fully charged,
there is no further input current. The rate of charge transfer
from the analog source to the converter is a function of
conversion rate.
X+ Y+
REF
INT/
EXT
X– Y– GND
6-TO-1
MUX
3-TO-1
MUX
3-TO-1
MUX
IN+
IN+
IN– REF–
REF+
ADC CORE
DATA OUT
VCC
Y–
Y+
X+
X–
ON-CHIP SWITCHES
X+
Y+
Y–
VBAT
AUX
TEMP
Figure 26. Equivalent Analog Input Circuit
Table 5. Analog Input, Reference, and Touch Screen Control
A2
A1
A0
SER/ DFR
Analog Input
X Switches
Y Switches
+REF1
–REF
1
0
0
0
1
TEMP0
OFF
OFF
VREF
GND
0
0
1
1
X+
OFF
ON
VREF
GND
0
1
0
1
VBAT
OFF
OFF
VREF
GND
0
1
1
1
X+ (Z1)
X+ OFF
Y+ ON
VREF
GND
X– ON
Y– OFF
1
0
0
1
Y– (Z2)
X+ OFF
Y+ ON
VREF
GND
X– ON
Y– OFF
1
0
1
1
Y+
ON
OFF
VREF
GND
1
1
0
1
AUX
OFF
OFF
VREF
GND
1
1
1
1
TEMP1
OFF
OFF
VREF
GND
0
0
0
0
Invalid Address. Test Mode: Switches out the Temp0 diode to the PENIRQ pin.
0
0
1
0
X+
OFF
ON
Y+
Y–
0
1
0
0
Invalid Address
0
1
1
0
X+ (Z1)
X+ OFF
Y+ ON
Y+
X–
X– ON
Y– OFF
1
0
0
0
Y– (Z2)
X+ OFF
Y+ ON
Y+
X–
X– ON
Y– OFF
1
0
1
0
Y+
ON
OFF
X+
X–
1
1
0
0
Outputs Identity Code, 1000 0000 0000.
1
1
1
0
Invalid address. Test mode: Switches out the Temp1 diode to the PENIRQ pin.
1 Internal node, not directly accessible by the user.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com