Electronic Components Datasheet Search
  English  ▼

X  

AD7873ACP Datasheet(PDF) 24 Page - Analog Devices

Part # AD7873ACP
Description  Touch Screen Digitizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7873ACP Datasheet(HTML) 24 Page - Analog Devices

Back Button AD7873ACP Datasheet HTML 20Page - Analog Devices AD7873ACP Datasheet HTML 21Page - Analog Devices AD7873ACP Datasheet HTML 22Page - Analog Devices AD7873ACP Datasheet HTML 23Page - Analog Devices AD7873ACP Datasheet HTML 24Page - Analog Devices AD7873ACP Datasheet HTML 25Page - Analog Devices AD7873ACP Datasheet HTML 26Page - Analog Devices AD7873ACP Datasheet HTML 27Page - Analog Devices AD7873ACP Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
AD7873
Rev. D | Page 24 of 28
OUTLINE DIMENSIONS
16
9
8
1
PIN 1
SEATING
PLANE
0.010
0.004
0.012
0.008
0.025
BSC
0.010
0.006
0.050
0.016
8°
0°
COPLANARITY
0.004
0.065
0.049
0.069
0.053
0.154
BSC
0.236
BSC
COMPLIANT TO JEDEC STANDARDS MO-137AB
0.193
BSC
Figure 40. 16-Lead Shrink Small Outline Package [QSOP]
(RQ-16)
Dimensions shown in inches
16
9
8
1
PIN 1
SEATING
PLANE
8°
0°
4.50
4.40
4.30
6.40
BSC
5.10
5.00
4.90
0.65
BSC
0.15
0.05
1.20
MAX
0.20
0.09
0.75
0.60
0.45
0.30
0.19
COPLANARITY
0.10
COMPLIANT TO JEDEC STANDARDS MO-153AB
Figure 41. 16-Lead Thin Shrink Small Outline Package [TSSOP]
(RU-16)
Dimensions shown in millimeters
16
5
13
8
9
12
1
4
BOTTOM
VIEW
2.25
2.10 SQ
1.95
0.75
0.60
0.50
0.65 BSC
1.95 BSC
0.35
0.28
0.25
12° MAX
0.20 REF
SEATING
PLANE
PIN 1
INDICATOR
TOP
VIEW
4.0
BSC SQ
3.75
BSC SQ
0.60 MAX
0.60 MAX
0.05 MAX
0.02 NOM
0.80 MAX
0.65 TYP
PIN 1
INDICATOR
1.00
0.85
0.80
COPLANARITY
0.08
0.25 MIN
COMPLIANT TO JEDEC STANDARDS MO-220-VGGC
Figure 42. 16-Lead Lead Frame Chip Scale Package [LFCSP]
(CP-16)
Dimensions shown in millimeters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com