Electronic Components Datasheet Search
  English  ▼

X  

XR18910 Datasheet(PDF) 10 Page - Exar Corporation

Part # XR18910
Description  8:1 Sensor Interface Analog Front End
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR18910 Datasheet(HTML) 10 Page - Exar Corporation

Back Button XR18910 Datasheet HTML 6Page - Exar Corporation XR18910 Datasheet HTML 7Page - Exar Corporation XR18910 Datasheet HTML 8Page - Exar Corporation XR18910 Datasheet HTML 9Page - Exar Corporation XR18910 Datasheet HTML 10Page - Exar Corporation XR18910 Datasheet HTML 11Page - Exar Corporation XR18910 Datasheet HTML 12Page - Exar Corporation XR18910 Datasheet HTML 13Page - Exar Corporation XR18910 Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10/19
REV1A
Typical Performance Characteristics (Continued)
TA = 25°C, VCC = 3.3V, VDD = 1.8V, RL = 10kΩ to 1.5V, G = 760, unless otherwise noted.
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
0
2
4
6
8
10
Time (seconds)
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
1000
Frequency (kHz)
G = 760
Figure 14. Input Voltage Noise vs. Frequency
Figure 15. 0.1Hz to 10Hz RTI Voltage Noise
1.35
1.4
1.45
1.5
1.55
0.25
0.75
1.25
1.75
2.25
2.75
Input Common Mode Voltage (V)
G = 2
G = 300
G = 760
-1
0
1
2
3
4
5
-10
-5
0
5
10
Output Current (mA)
G = 2
Figure 12. Output Offset Voltage vs. Output Current
Figure 13. Output Offset vs. Input Common Mode Voltage
0
1
2
3
4
0
10
20
30
40
50
ILDO (mA)
VCC = 3.3V
VCC = 5V
1.5
2
2.5
3
3.5
0
5
10
15
20
25
ILDO (mA)
G = 2
Current Sense Mode Active
Figure 10. LDO Current vs. Output Voltage
Figure 11. LDO Output Current
XR
18910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com