Electronic Components Datasheet Search
  English  ▼

X  

XR18910 Datasheet(PDF) 14 Page - Exar Corporation

Part # XR18910
Description  8:1 Sensor Interface Analog Front End
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR18910 Datasheet(HTML) 14 Page - Exar Corporation

Back Button XR18910 Datasheet HTML 10Page - Exar Corporation XR18910 Datasheet HTML 11Page - Exar Corporation XR18910 Datasheet HTML 12Page - Exar Corporation XR18910 Datasheet HTML 13Page - Exar Corporation XR18910 Datasheet HTML 14Page - Exar Corporation XR18910 Datasheet HTML 15Page - Exar Corporation XR18910 Datasheet HTML 16Page - Exar Corporation XR18910 Datasheet HTML 17Page - Exar Corporation XR18910 Datasheet HTML 18Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
14/19
REV1A
Application Information (Continued)
Inputs and Input Selection
The XR18910 includes 8 differential inputs and a 8:1
differential MUX that is controlled by an I2C compatible 2
wire serial interface. The XR18910 is designed to accept 8
differential inputs.
■
■
If fewer than 4 differential inputs are required, tie the unused
inputs to GND.
■
■
If single ended inputs are required, tie the unused inputs to 1.5V.
The input common mode range of the XR18910 is typically
0.6V to 2.4V when running from a 3.3V supply.
The
XR18910 offers a very wide gain range. In most cases, the
output voltage swing will be the limiting factor.
When the XR18910 is powered-up, the default input
selected is Channel 1.
Inputs are selected via I2C using one of 8 register addresses
0x10, 0x12, 0x14, 0x15, 0x18, 0x1A, 0x1C, or 0x1E. Refer
to the Register List in Table 1.
Example: The example below illustrates how to select
Channel 4.
Step 1
0
Master sends start condition
S
Step 2
7 6 5 4 3 2 1 0
Master sends XR18910 address with write bit
0
1
1
0
1
1
1
0
6
7
W
7-bit XR18910 Address = 0x67
Step 3
9
XR18910 sends acknowledge
A
Step 4
7 6 5 4 3 2 1 0
Master sends address of register to access
0
0
0
1
0
1
0
1
Select_Input 4 register address
= 0x15
Step 5
9
XR18910 sends acknowledge
A
Step 6
0
Master sends stop condition
P
NOTES:
White Block = host to XR18910, Orange Block = XR18910 to host, Grey Block =
Notes.
Gain Selection
The XR18910 offers 8 selectable fixed gains ranging from
2V/V to 760V/V. When the XR18910 is powered-up, the
default gain is 2V/V.
The gain is selected via I2C using the register address 0x06
followed by another byte of data to select the gain. Refer
to the Register List in Table 1 and the Gain Register list in
Table 3.
Example: The example below illustrates how to select a
gain of 150V/V.
To start communication with the XR18910, repeat steps 1-3 as
shown in the Inputs and Input Selection section on page 14.
Step 4
7 6 5 4 3 2 1 0
Master sends address of register to access
0
0
0
0
0
1
1
0
Gain Select register address =
0x06
Step 5
9
XR18910 sends acknowledge
A
Since the Gain Select register was accessed, the XR18910
is expecting another byte of data from the master to complete
the command. Refer to the “Byte of Parameter” column in
the Register List (Table 1). D0 thru D2 are used to select
the gain. Refer to the Gain Register list in Table 3, 150V/V
is D2 = 1, D1 = 0, and D0 = 0. This translates to a hex code
of 0x04, since a full byte of data (8-bits) will be sent.
Step 6
7 6 5 4 3 2 1 0
Master sends gain register data to select G=150
0
0
0
0
0
1
0
0
Gain of 150V/V = 0x04
Step 7
9
XR18910 sends acknowledge
A
Step 8
0
Master sends stop condition
P
NOTES:
White Block = host to XR18910, Orange Block = XR18910 to host, Grey Block =
Notes.
XR
18910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com