Electronic Components Datasheet Search
  English  ▼

X  

XR18910 Datasheet(PDF) 11 Page - Exar Corporation

Part # XR18910
Description  8:1 Sensor Interface Analog Front End
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR18910 Datasheet(HTML) 11 Page - Exar Corporation

Back Button XR18910 Datasheet HTML 7Page - Exar Corporation XR18910 Datasheet HTML 8Page - Exar Corporation XR18910 Datasheet HTML 9Page - Exar Corporation XR18910 Datasheet HTML 10Page - Exar Corporation XR18910 Datasheet HTML 11Page - Exar Corporation XR18910 Datasheet HTML 12Page - Exar Corporation XR18910 Datasheet HTML 13Page - Exar Corporation XR18910 Datasheet HTML 14Page - Exar Corporation XR18910 Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11/19
REV1A
Typical Performance Characteristics (Continued)
TA = 25°C, VCC = 3.3V, VDD = 1.8V, RL = 10kΩ to 1.5V, G = 760, unless otherwise noted.
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
0
10
20
30
40
50
Time (µs)
Stop Time = 1% Settling
Start Time = 50%
Acknowledge
SDA
LDO Output
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
0
50
100
150
200
250
Time (µs)
Stop Time = 1% Settling
Start Time = 50% Acknowledge
LDO Output
SDA
Figure 18. LDO Enable to Disable Time
Figure 19. LDO Disable to Enable Time
0
0.5
1
1.5
2
2.5
3
3.5
4
0
5
10
15
20
Time (µs)
Stop Time = 1% Settling
Start Time = 50% Acknowledge
DUT Output
SDA
-0.5
0
0.5
1
1.5
2
2.5
0
5
10
15
20
Time (µs)
Stop Time = 1% Settling
Start Time = 50% Acknowledge
G = 2
SDA
DUT Output
Figure 16. Sleep to Wake Time (DUT Output)
Figure 17. Set-up Time - from G = 2 to G = 300
(DUT Output)
XR
18910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com