Electronic Components Datasheet Search
  English  ▼

X  

XR18910 Datasheet(PDF) 12 Page - Exar Corporation

Part # XR18910
Description  8:1 Sensor Interface Analog Front End
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR18910 Datasheet(HTML) 12 Page - Exar Corporation

Back Button XR18910 Datasheet HTML 8Page - Exar Corporation XR18910 Datasheet HTML 9Page - Exar Corporation XR18910 Datasheet HTML 10Page - Exar Corporation XR18910 Datasheet HTML 11Page - Exar Corporation XR18910 Datasheet HTML 12Page - Exar Corporation XR18910 Datasheet HTML 13Page - Exar Corporation XR18910 Datasheet HTML 14Page - Exar Corporation XR18910 Datasheet HTML 15Page - Exar Corporation XR18910 Datasheet HTML 16Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
12/19
REV1A
Functional Block Diagram
PGA
10-Bit Offset DAC
1.5V
Reference
I2C Serial Digital Interface
LDO Enable
LDO Select ( 3V, 2.65V )
Input 1 +/-
AGND
DGND
Input 2 +/-
Input 8 +/-
VCC
VDD
SDA
SCL
LDO Output
Output
Application Information
The XR18910 sensor interface includes a 8:1 differential
multiplexer (MUX), a programmable gain instrumentation
amplifier, a 10-bit offset correction DAC and an LDO. An
I2C interface controls the many functions and features of the
XR18910. The XR18910 is designed to integrate multiple
bridge sensors with an ADC/MCU or FPGA.
Each bridge sensor connected to the XR18910 has its
own inherent offset that if not calibrated out can decrease
sensitivity and overall performance of the sensor system. The
on-board DAC introduces an offset into the instrumentation
amplifier to calibrate the offset voltage generated by the
sensors. An independent offset can be set for each of the
8 channels. Only the offset voltage of the active channel is
applied to the PGA.
The programmable gain instrumentation amplifier offers 8
selectable gains from 2V/V to 760V/V to amplify the signal
such that it falls within the input range of the ADC.
An integrated LDO provides a regulated voltage to power
the input bridge sensors and is selectable, between 3V and
2.65V. The LDO can be set to turn off when the XR18910 is
in sleep mode to save power.
The XR18910 also provides the ability to monitor the LDO
current. When the XR18910 is in current sense mode, an
internal 2:1 MUX allows a voltage proportional to the LDO
current to be present at the output. Once all channels have
been calibrated, the LDO current can be used to indirectly
monitor any voltage or resistive changes seen by the inputs.
The XR18910 also includes an internal 1.5V reference that
is used by the internal LDO circuitry and used to set the
reference voltage for the programmable gain instrumentation
amplifier.
During sleep mode, the analog components of the XR18910
are powered down for added power savings.
The XR18910 offers many functions, each controlled by the
I2C compatible serial interface:
■
■
Input Selection
■
■
Gain Selection
■
■
Offset Correction
■
■
LDO Enable/Select
■
■
Current Sense Mode
■
■
Sleep Mode (analog power down)
Figure 20. Functional Block Diagram
XR
18910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com