Electronic Components Datasheet Search
  English  ▼

X  

XR18910 Datasheet(PDF) 17 Page - Exar Corporation

Part # XR18910
Description  8:1 Sensor Interface Analog Front End
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR18910 Datasheet(HTML) 17 Page - Exar Corporation

Back Button XR18910 Datasheet HTML 11Page - Exar Corporation XR18910 Datasheet HTML 12Page - Exar Corporation XR18910 Datasheet HTML 13Page - Exar Corporation XR18910 Datasheet HTML 14Page - Exar Corporation XR18910 Datasheet HTML 15Page - Exar Corporation XR18910 Datasheet HTML 16Page - Exar Corporation XR18910 Datasheet HTML 17Page - Exar Corporation XR18910 Datasheet HTML 18Page - Exar Corporation XR18910 Datasheet HTML 19Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
17/19
REV1A
Application Information (Continued)
Typical Application – 8:1 Bridge Sensor Interface
The XR18910 was designed to interface multiple bridge sensors with a microcontroller or FPGA as illustrated in Figure 24.
The bridge output signal is differential (VO+ and VO-). Ideally, the unloaded bridge output is zero (VO+ and VO- are identical).
However, in-exact resistive values result in a difference between VO+ and VO-. This bridge offset voltage can be substantial
and vary between sensors. The XR18910 provides the ability to calibrate the bridge offset on each of the 8 bridge sensors
using the on-board DAC.
BRIDGE 8
BRIDGE 1
ADC
µC
OUT
SDA
SCL
IN1+
IN1-
IN8+
IN8-
BRDG
8:1
MUX
LDO
INA /
PGA
I2C
CONTROL
PGA
±560mV
OFFSET TRIM
10-BIT
DAC
0.1F
6.8F
VCC
+
10k
VCC
VDD
0.1F
6.8F
+
0.1F
VDD
4.7k
4.7k
VDD
VDD
AGND
DGND
10nF
XR18910
Figure 24. 8:1 Bridge Sensor Interface
Layout Considerations
General layout and supply bypassing play major roles in high frequency performance. Follow the steps below as a basis for
high frequency layout:
■
■
Include 6.8µF and 0.1µF ceramic capacitors for power supply decoupling
■
■
Place the 6.8µF capacitor within 0.75 inches of the power pin
■
■
Place the 0.1µF capacitor within 0.1 inches of the power pin
■
■
Connection to the exposed pad is not required. Exposed pad can be connected to ground (GND).
■
■
Minimize all trace lengths to reduce series inductances
XR
18910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com