Electronic Components Datasheet Search
  English  ▼

X  

CWR06 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # CWR06
Description  Solid Tantalum Chip Capacitors MIDGET Military, MIL-PRF-55365/4 Qualified
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CWR06 Datasheet(HTML) 7 Page - Vishay Siliconix

  CWR06 Datasheet HTML 1Page - Vishay Siliconix CWR06 Datasheet HTML 2Page - Vishay Siliconix CWR06 Datasheet HTML 3Page - Vishay Siliconix CWR06 Datasheet HTML 4Page - Vishay Siliconix CWR06 Datasheet HTML 5Page - Vishay Siliconix CWR06 Datasheet HTML 6Page - Vishay Siliconix CWR06 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
www.vishay.com
139
CWR06
Vishay Sprague
Document Number 40009
Revision 16-Nov-04
For technical questions, contact tantalum@vishay.com
Carrier
Embossment
Standard orientation is with the cathode
(-) nearest to the sprocket holes
per EIA-481-1 and IEC 286-3.
TAPE AND REEL PACKAGING
Tape and Reel Specifications: All case codes are available on
plastic embossed tape per EIA-481-1 and EIA-481-2. Tape reeling
per IEC 286-3 is also available. Standard reel diameter is 7"
[178mm]. 13" [330mm] reels are available and recommended as
the most cost effective packaging method. The most efficient
packaging quantities are full reel increments on a given reel
diameter. The quantities shown allow for the sealed empty pockets
required to be in conformance with EIA-481-1 and EIA-481-2. Reel
size and packaging orientation must be specified in the Vishay
Sprague part number.
Notes:
1. 12mm and 16mm embossed tape with
components shall pass around radius "R"
without damage. The minimum trailer length
may require additional length to provide R
minimum for reels with hub diameters
approaching N minimum.
R
Min.
Bending Radius
(Note 1)
R Minimum:
8mm 1/2 Pitch and 8mm = .984" [25mm]
12mm, 12mm Double Pitch and 16mm =1.181" [30mm].
Top Cover
Tape
Thickness
Units Per Reel
Case
Code
A
B
C
D
E
F
G
H
Tape
Width
8mm
12mm
12mm
12mm
12mm
12mm
16mm
16mm
Component
Pitch
4mm
4mm
4mm
4mm
4mm
8mm
8mm
8mm
2500
2500
2500
2500
2500
1000
600
600
Quantity per Half
7" [178 mm] Reel
1250
1250
1250
1250
1250
500
300
300
Quantity per Full
7" [178 mm] Reel



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com